Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1570CS Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1570CS
Description  5-bit DAC, Synchronous PWM Power Regulator with LDO and Linear Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1570CS Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1570CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1570CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1570CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1570CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1570CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1570CS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1570CS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1570CS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1570CS Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AIC1570
2
ORDERING INFORMATION
ORDER NUMBER
PIN CONFIGURATION
AIC1570-XX
AIC1570CS
(SO24)
PACKAGING TYPE
S: SMALL OUTLINE
TEMPERATURE RANGE
C: 0
°C~+70°C
1
3
4
2
5
7
6
8
9
10
11
12
VID0
VID4
VID3
VID2
VCC
VID1
RT
PGOOD
SS
FAULT
VIN2
FB2
16
15
24
22
23
21
20
19
17
18
14
13
LGATE
UGATE
PHASE
VSEN
PGND
OCSET
FB1
GATE3
COMP1
FB3
VOUT2
GND
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
CC
...............…………….....………….........…..……..................... +15V
PGOOD, FAULT and GATE Voltage
.....…….....………..….... GND -0.3V to V
CC +0.3V
Input, Output , or I/O Voltage ......…...……………………..……............ GND -0.3V to 7V
Recommended Operating Conditions
Supply Voltage; VCC
……...............…................... +12V±10%
Ambient temperature Range
……..……………................. 0
°C~70°C
Junction Temperature Range ……......……….................. 0
°C~100°C
Thermal Information
Thermal Resistance,
θ
JA
SOIC package
…………………………………..…............... 100
°C/W
SOIC package (with 3in2 of copper)
…...……….......…......... 90
°C/W
Maximum Junction Temperature (Plastic Package)
………………..……...... 150
°C
Maximum Storage Temperature Range
…………………………….... -65
°C ~ 150°C
Maximum Lead Temperature (Soldering 10 sec)
………………………..…... 300
°C
TEST CIRCUIT
Refer to APPLICATION CIRCUIT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com