Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2172 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APA2172
Description  Stereo, Differential Input Cap-Free Line Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2172 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APA2172 Datasheet HTML 9Page - Anpec Electronics Coropration APA2172 Datasheet HTML 10Page - Anpec Electronics Coropration APA2172 Datasheet HTML 11Page - Anpec Electronics Coropration APA2172 Datasheet HTML 12Page - Anpec Electronics Coropration APA2172 Datasheet HTML 13Page - Anpec Electronics Coropration APA2172 Datasheet HTML 14Page - Anpec Electronics Coropration APA2172 Datasheet HTML 15Page - Anpec Electronics Coropration APA2172 Datasheet HTML 16Page - Anpec Electronics Coropration APA2172 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.8 - Aug., 2013
www.anpec.com.tw
13
APA2172
Typical Application Circuit (Cont.)
Second-Order Active Low-Pass Filter
2. Inverting
Circuit
Power
and
Depop
Circuit
ROUT
RINN
Charge
Pump
VDD
CPP
CPN
VSS
PGND
LOUT
RINP
LINP
LINN
Shutdown
Under Voltage
Detection Circuit
Thermal
and Over
Current
Protection
UVP
1
µF
CCPF
GND
1
µF
LDO
10
µF
System
Power
1
µF
R-CH
Input
L-CH
Input
R-CH
Output
L-CH
Output
R1
3k
Ω
R2
1k
Ω
R3
50k
Ω
CCPO
R2
R3
C3
C3
R3
R1
R1
C2
C2
C1
C1
R2
Cout
220pF
Cout
220pF
C1
C1
SDN
Shutdown
Control
RSD
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com