Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA2613 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APA2613
Description  6W Stereo Class-D Audio Power Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2613 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APA2613 Datasheet HTML 2Page - Anpec Electronics Coropration APA2613 Datasheet HTML 3Page - Anpec Electronics Coropration APA2613 Datasheet HTML 4Page - Anpec Electronics Coropration APA2613 Datasheet HTML 5Page - Anpec Electronics Coropration APA2613 Datasheet HTML 6Page - Anpec Electronics Coropration APA2613 Datasheet HTML 7Page - Anpec Electronics Coropration APA2613 Datasheet HTML 8Page - Anpec Electronics Coropration APA2613 Datasheet HTML 9Page - Anpec Electronics Coropration APA2613 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Jul., 2012
www.anpec.com.tw
6
APA2613
Typical Operating Characteristics
0.001
10
0.01
0.1
1
20
20k
50 100 200
500 1k
2k
5k
10k
Frequency (Hz)
THD+N vs. Frequency
VDD=12V
RL=8
Ω
Ci=1
µF
Gain=20dB
AES-17(20kHz)
PO=5W
PO=2.5W
PO=0.5W
THD+N vs. Frequency
Frequency (Hz)
20
20k
50 100 200
500 1k
2k
5k
10k
0.001
10
0.01
0.1
1
VDD=18V
RL=8
Ω
Ci=1
µF
Gain=20dB
AES-17(20kHz)
PO=5W
PO=1W
THD+N vs. Frequency
Frequency (Hz)
20
20k
50 100 200
500 1k
2k
5k
10k
0.001
10
0.01
0.1
1
VDD=24V
RL=8
Ω
Ci=1
µF
Gain=20dB
AES-17(20kHz)
PO=5W
PO=1W
Frequency (Hz)
20
20k
50 100 200
500 1k
2k
5k
10k
THD+N vs. Frequency
0.001
10
0.01
0.1
1
VDD=12V
RL=6
Ω
Ci=1
µF
Gain=20dB
AES-17(20kHz)
PO=5W
PO=2.5W
PO=0.5W
Frequency (Hz)
20
20k
50 100 200
500 1k
2k
5k
10k
0.001
10
0.01
0.1
1
THD+N vs. Frequency
VDD=18V
RL=6
Ω
Ci=1
µF
Gain=20dB
AES-17(20kHz)
PO=5W
PO=1W
THD+N vs. Frequency
0.001
10
0.01
0.1
1
Frequency (Hz)
20
20k
50 100 200
500 1k
2k
5k
10k
PO=1W
PO=5W
VDD=12V
RL=4
Ω
Ci=1
µF
Gain=20dB
AES-17(20kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com