Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL3203B Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL3203B
Description  Li Charger Protection IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3203B Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL3203B Datasheet HTML 1Page - Anpec Electronics Coropration APL3203B Datasheet HTML 2Page - Anpec Electronics Coropration APL3203B Datasheet HTML 3Page - Anpec Electronics Coropration APL3203B Datasheet HTML 4Page - Anpec Electronics Coropration APL3203B Datasheet HTML 5Page - Anpec Electronics Coropration APL3203B Datasheet HTML 6Page - Anpec Electronics Coropration APL3203B Datasheet HTML 7Page - Anpec Electronics Coropration APL3203B Datasheet HTML 8Page - Anpec Electronics Coropration APL3203B Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2011
APL3203A/B/C
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Li+ Charger Protection IC
•
Input Over-Voltage Protection
•
Programmable Input Over-Current Protection
•
Battery Over-Voltage Protection
•
Over-Temperature Protection
•
High Immunity of False Triggering
•
High Accuracy Protection Thresholds
•
Fault Status Indication
•
Enable Input
•
Available in TDFN2x2-8 Package
•
Lead Free and Green Devices Available
(RoHS Compliant)
The APL3203A/B/C provide complete Li+ charger protec-
tions against over-voltage, over-current, and battery over-
voltage. The IC is designed to monitor input voltage, in-
put current, and battery voltage. When any of the moni-
tored parameters are over the threshold, the IC removes
the power from the charging system by turning off an in-
ternal switch. All protections also have deglitch time
against false triggering due to voltage spikes or current
transients. The APL3203A/B/C also provide over-tempera-
ture protection, a FAULT output pin to indicate the fault
conditions, and the EN pin to allow the system to disable
the IC.
Features
General Description
Applications
•
Smart Phones and PDAs
•
Digital Still Cameras
•
Portable Devices
Pin Configuration
Simplified Application Circuit
8 OUT
7 ILIM
5 EN
6 BAT
NC 3
IN 1
GND 2
FAULT 4
TDFN2x2-8
(Top View)
EP
Simplified Application
IN
ILIM
OUT
BAT
GND
APL3203A/B/C
Li+
Battery
EN
FAULT
5V Adapter
or USB
Charger Input
Charger Output
and System


Similar Part No. - APL3203B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3203BQBI-TRG ANPEC-APL3203BQBI-TRG Datasheet
430Kb / 19P
Li Charger Protection IC
More results

Similar Description - APL3203B

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL3203A ANPEC-APL3203A Datasheet
430Kb / 19P
Li Charger Protection IC
APL3204A ANPEC-APL3204A Datasheet
559Kb / 18P
Li Charger Protection IC
APL3205A ANPEC-APL3205A Datasheet
472Kb / 20P
Li Charger Protection IC
logo
Alpha & Omega Semicondu...
AOZ1401DI AOSMD-AOZ1401DI Datasheet
624Kb / 14P
Li Charger Protection IC
logo
Anpec Electronics Corop...
APL3203D ANPEC-APL3203D Datasheet
446Kb / 19P
Li Charger Protection IC
APL3205A ANPEC-APL3205A_11 Datasheet
476Kb / 20P
Li Charger Protection IC
APL3213 ANPEC-APL3213 Datasheet
329Kb / 15P
Li Charger Protection IC
APL3216 ANPEC-APL3216 Datasheet
189Kb / 12P
Li Charger Protection IC
APL3218 ANPEC-APL3218 Datasheet
490Kb / 20P
Li Charger Protection IC
APL3225 ANPEC-APL3225 Datasheet
236Kb / 15P
Li Charger Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com