Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GTCX25-750M-R02 Datasheet(PDF) 1 Page - Tyco Electronics

Part # GTCX25-750M-R02
Description  Gas Discharge Tubes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

GTCX25-750M-R02 Datasheet(HTML) 1 Page - Tyco Electronics

  GTCX25-750M-R02 Datasheet HTML 1Page - Tyco Electronics GTCX25-750M-R02 Datasheet HTML 2Page - Tyco Electronics GTCX25-750M-R02 Datasheet HTML 3Page - Tyco Electronics GTCX25-750M-R02 Datasheet HTML 4Page - Tyco Electronics GTCX25-750M-R02 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Gas Discharge Tubes
GTCX25-XXXM-R02 Series
Gas Discharge Tubes
Document: SCD27304
Status: Released
© 2008, 2011 Tyco Electronics Corporation,
1
Rev: B
Date: MAY 11, 2011
a TE Connectivity Ltd. Company. All rights reserved.
TE Circuit Protection 5mm 2Pole GDTs (ceramic
gas discharge tubes), are commonly used to help
protect sensitive telecom equipment such as
communication
lines,
signal
lines
and
data
transmission
lines
from
damage
caused
by
transient surge voltages that typically result from
lightning
strikes
and
equipment
switching
operations.
Raychem Circuit Protection GDTs offer a high
level of surge protection, low capacitance and a
broad array of breakover voltage levels, making
them suitable for applications such as MDF (Main
Distribution
Frame)
modules,
high
data-rate
telecom applications (e.g. ADSL, VDSL), and
surge protection on power lines. Raychem Circuit
Protection GDTs, can help equipment meet the
most stringent regulatory standards.
Benefits:
 Compact, small form factor suitable for efficient
assembly
 Helps provide overvoltage fault protection against
high energy surges
 Suitable for high-frequency applications
Features:
 2Pole, 5mm devices
 Broad voltage range from 75V-600V
 Various form factors: surface mount, axial leads, no
leads
 Low capacitance and insertion loss
 UL 497B recognized
 RoHS compliant
 Devices tested per ITU K.12 recommendations
 Non-radioactive materials
Applications:
 Telecommunications
• Industrial and consumer electronics, such as
- MDF modules, xDSL equipment, RF system
- Surge protectors
protection, antenna, base station
- Alarm system


Similar Part No. - GTCX25-750M-R02

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
GTCX28-141M-R05 MACOM-GTCX28-141M-R05 Datasheet
105Kb / 5P
Gas Discharge Tubes
GTCX28-151M-R05 MACOM-GTCX28-151M-R05 Datasheet
105Kb / 5P
Gas Discharge Tubes
GTCX28-201M-R05 MACOM-GTCX28-201M-R05 Datasheet
105Kb / 5P
Gas Discharge Tubes
GTCX28-231M-R05 MACOM-GTCX28-231M-R05 Datasheet
105Kb / 5P
Gas Discharge Tubes
GTCX28-251M-R05 MACOM-GTCX28-251M-R05 Datasheet
105Kb / 5P
Gas Discharge Tubes
More results

Similar Description - GTCX25-750M-R02

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1021A145 LITTELFUSE-SL1021A145 Datasheet
272Kb / 4P
Gas Discharge Tubes
logo
Tyco Electronics
GTCX28-XXXM-R05 MACOM-GTCX28-XXXM-R05 Datasheet
105Kb / 5P
Gas Discharge Tubes
GTCX36-XXXM-R05 MACOM-GTCX36-XXXM-R05 Datasheet
144Kb / 6P
Gas Discharge Tubes
GTCA36-231M-R10-FT MACOM-GTCA36-231M-R10-FT Datasheet
221Kb / 6P
Gas Discharge Tubes
logo
Ruilongyuan Electronics...
2R-6S RUILON-2R-6S Datasheet
711Kb / 6P
Gas Discharge Tubes
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
Gas Discharge Tubes
2RA-6C RUILON-2RA-6C Datasheet
665Kb / 5P
Gas Discharge Tubes
RL1212 RUILON-RL1212 Datasheet
555Kb / 5P
Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R3000-6S SUNMATE-2R3000-6S Datasheet
932Kb / 3P
GAS DISCHARGE TUBES
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
GAS DISCHARGE TUBES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com