Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1652CS Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1652CS
Description  MICROPOWER INVERTING DC/DC CONVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1652CS Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1652CS Datasheet HTML 1Page - Analog Intergrations Corporation AIC1652CS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1652CS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1652CS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1652CS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1652CS Datasheet HTML 6Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AIC1652
MICROPOWER INVERTING DC/DC CONVERTER
SPEC NO: DS-1652-02 DEC 27, 00
ANALOG INTEGRATIONS CORPORATION
www.analog.com.tw
4F, 9 Industry E. 9th Road, Science-based IndustrialPark , Hsinchu, Taiwan, R.O.C.
TEL: (8863)577-2500 FAX:(8863)577-2510
2
n ABSOLUTE MAXIMUM RATINGS
Supply Voltage
.....................
.............................................………………… ............ 7V
SHDN Voltage
...............................................…………… ..................................... 7V
Operation Temperature Range
................................……… .......................... 0
°C~70°C
Storage Temperature Range
..
...............................………… ................. -65
°C~ 150°C
n TEST CIRCUIT
Refer to Typical Application Circuit.
n ELECTRICAL CHARACTERISTICS (V
IN=5V, Ta=25
°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Input Voltage
2.4
7
V
Switch Off Current
VFB=-50mV
80
150
µA
VREF Voltage
ISOURCE = 250µA
1.16
1.22
1.28
V
VREF Source Current
250
µA
DLOW “ON Resistance”
5
Ω
DHI “ON Resistance”
7
Ω
CL Threshold
70
mV
Shutdown Threshold
0.8
1.5
2.4
V
Shutdown Mode Current
V
0V
SHDN
=
0.7
2
µA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com