Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

02CZ2.4 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 02CZ2.4
Description  TOSHIBA Zenzer Diode Silicon Epitaxial Planar Type
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

02CZ2.4 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  02CZ2.4 Datasheet HTML 1Page - Toshiba Semiconductor 02CZ2.4 Datasheet HTML 2Page - Toshiba Semiconductor 02CZ2.4 Datasheet HTML 3Page - Toshiba Semiconductor 02CZ2.4 Datasheet HTML 4Page - Toshiba Semiconductor 02CZ2.4 Datasheet HTML 5Page - Toshiba Semiconductor 02CZ2.4 Datasheet HTML 6Page - Toshiba Semiconductor 02CZ2.4 Datasheet HTML 7Page - Toshiba Semiconductor 02CZ2.4 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
02CZ2.0~02CZ47
2007-11-01
2
Electrical Characteristics (Ta = 25ºC)
Zener
Voltage
Dynamic
Impedance
Knee Dynamic
Impedance
Reverse
Current
* VZ (V)
ZZ(Ω)
ZZK (Ω)
IR (μA)
Type No.
Min
Max
IZ
(mA)
Max
IZ
(mA)
Max
IZ
(mA)
Max
VR
(V)
02CZ2.0 (**)
1.85
2.15
5
100
5
1000
0.5
120
1.0
02CZ2.2 (**)
2.05
2.38
5
100
5
1000
0.5
120
1.0
02CZ2.4
2.28
2.60
5
100
5
1000
0.5
120
1.0
02CZ2.7
2.50
2.90
5
110
5
1000
0.5
120
1.0
02CZ3.0
2.80
3.20
5
120
5
1000
0.5
50
1.0
02CZ3.3
3.10
3.50
5
130
5
1000
0.5
20
1.0
02CZ3.6
3.40
3.80
5
130
5
1000
0.5
10
1.0
02CZ3.9
3.70
4.10
5
130
5
1000
0.5
10
1.0
02CZ4.3
4.00
4.50
5
130
5
1000
0.5
5
1.0
02CZ4.7
4.40
4.90
5
120
5
1000
0.5
5
1.0
02CZ5.1
4.80
5.40
5
70
5
1000
0.5
1
1.5
02CZ5.6
5.30
6.00
5
40
5
900
0.5
1
2.5
02CZ6.2
5.80
6.60
5
30
5
500
0.5
1
3.0
02CZ6.8
6.40
7.20
5
25
5
150
0.5
0.5
5.0
02CZ7.5
7.00
7.90
5
23
5
120
0.5
0.5
6.0
02CZ8.2
7.70
8.70
5
20
5
120
0.5
0.5
6.5
02CZ9.1
8.50
9.60
5
18
5
120
0.5
0.5
7.0
02CZ10
9.40
10.60
5
15
5
120
0.5
0.5
8.0
02CZ11
10.40
11.60
5
15
5
120
0.5
0.5
8.5
02CZ12
11.40
12.60
5
15
5
110
0.5
0.5
9.0
02CZ13
12.40
14.10
5
15
5
110
0.5
0.5
10
02CZ15
13.80
15.60
5
15
5
110
0.5
0.5
11
02CZ16
15.30
17.10
5
18
5
150
0.5
0.5
12
02CZ18
16.80
19.10
5
20
5
150
0.5
0.5
14
02CZ20
18.80
21.20
5
25
5
200
0.5
0.5
15
02CZ22
20.80
23.30
5
30
5
200
0.5
0.5
17
02CZ24
22.80
25.60
5
40
5
200
0.5
0.5
19
02CZ27
25.10
28.90
2
70
2
250
0.5
0.5
21
02CZ30
28.00
32.00
2
80
2
250
0.5
0.5
23
02CZ33
31.00
35.00
2
80
2
250
0.5
0.5
25
02CZ36
34.00
38.00
2
90
2
250
0.5
0.5
27
02CZ39
37.00
41.00
2
100
2
250
0.5
0.5
30
02CZ43
40.00
45.00
2
130
2
―
―
0.5
33
02CZ47
44.00
49.00
2
150
2
―
―
0.5
36
(*)Test time : t = 30ms (**) Product by order



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com