Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBCT320-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBCT320-HF
Description  SMD Schottky Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBCT320-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBCT320-HF Datasheet HTML 1Page - Comchip Technology CDBCT320-HF Datasheet HTML 2Page - Comchip Technology CDBCT320-HF Datasheet HTML 3Page - Comchip Technology CDBCT320-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RATING AND CHARACTERISTIC CURVES (CDBCT320-HF Thru. CDBCT3100-HF)
Page 2
QW-JB044
Fig.1- Typical Forward Current Derating Curve
0
Case Temperature, (°C)
0
75
175
Fig.2- Maximum Non-Repetitive Peak
Forward Surge Current
0
Number of Cycles at 60Hz
1
100
Fig.3- Typical Instantaneous Forward
Characteristics
Instantaneous forward voltage, (V)
50
100
40
125
3.0
10
Fig.4- Typical Reverse Characteristics
0.001
Percent of Rated Peak Reverse Voltage, (%)
0.1
1.0
25
150
1.0
Fig.5- Typical Junction Capacitance
10
Reverse Voltage, (V)
10
100
400
0.1
100
REV:A
Resistive or inductive load
P.C.B Mounted on 0.2*0.2”(5.0*5.0mm)
0.01
0
100
20
40
60
80
1
100
20
60
120
10
O
TJ=25 C
Comchip Technology CO., LTD.
SMD Schottky Barrier Diode
8.3ms Single Half Sine-Wave
(JEDEC Method)
0
0.8
1.2
0.2
0.4
0.6
0.01
0.1
10
1.00
TJ=100°C
Copper pad areas
80
100
2.0
CDBCT320-HF Thru CDBCT340-HF
CDBCT360-HF
CDBCT3100-HF
1.0
O
TJ=25 C
f=1MHz
Vsig=50mVP-P
Company reserves the right to improve product design , functions and reliability without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com