Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBD540-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBD540-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBD540-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBD540-HF Datasheet HTML 1Page - Comchip Technology CDBD540-HF Datasheet HTML 2Page - Comchip Technology CDBD540-HF Datasheet HTML 3Page - Comchip Technology CDBD540-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
QW-JB054
REV:B
Comchip Technology CO., LTD.
RATING AND CHARACTERISTIC CURVES (CDBD540-HF Thru. CDBD5200-HF)
Case Temperature, (°C)
0
4
7
0
25
175
2
5
3
6
50
75
100
125
150
1
Fig.1 - Typical Forward Current
Derating Curve
Forward Voltage, (V)
0.1
Fig.2 - Typical Forward Characteristics
0.01
0.1
1
10
100
0.7
0.3
1.1
1.5
1.3
0.5
0.9
0
90
1
10
100
30
120
60
150
O
TJ=25 C
8.3ms single half sine
wave, JEDEC method
TJ=25°C
Number of cycles at 60Hz
Fig.3 - Maximum Non-repetitive
Forward Surge Current
Percentage of Rated Peak Reverse Voltage, (%)
Fig.4 - Typical Revrse Characteristics
Company reserves the right to improve product design , functions and reliability without notice.
TJ=75 °C
TJ=25 °C
Pulse Width 300us
1% Duty Cycle
TJ=25 °C
0.01
0.1
1
10
100
0
60
20
100
140
120
40
80
SMD Schottky Barrier Rectifiers



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com