Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1941 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SA1941
Description  Power Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1941 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SA1941 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1941 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1941 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1941 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA1941
2010-11-02
3
Collector current IC (A)
VCE (sat) – IC
Collector-emitter voltage VCE (V)
IC – VCE
IC – VBE
Collector current IC (A)
hFE – IC
Base-emitter voltage VBE (V)
Collector-emitter voltage VCE (V)
Safe Operating Area
−10
−6
−4
−2
0
IB = −10 mA
−20
Common emitter
Tc = 25°C
−8
−4
−6
−8
−2
0
−10
−30
−40
−50
−100
−150
−200
−250
−0.8
−1.2
−1.6
−2.0
−10
−6
−4
−2
0
Common emitter
VCE = −5 V
−8
−0.4
0
Tc = 100°C
−25°C
25°C
100
10
−0.1
−1
1
Common emitter
VCE = −5 V
−0.01
1000
−10
Tc = 100°C
Tc = −25°C
Tc = 25°C
−10
−1
−0.1
−0.01
−0.01
Tc = 100°C
Tc = −25°C
Tc = 25°C
−0.1
−1
−10
Common emitter
IC/IB = 10
−100
−50
−0.05
−2
−30
−1
−10
−30
−100
−300
−0.5
−1000
−3
−5
−10
*: Single nonrepetitive
pulse Tc = 25°C
Curves must be derated
linearly with increase in
temperature.
IC max (continuous)
IC max (pulsed)*
VCEO max
DC operation
Tc = 25°C
1 ms*
10 ms*
100 ms*
−0.3
−0.1
−3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com