Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1954B Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SA1954B
Description  General Purpose Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1954B Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SA1954B Datasheet HTML 1Page - Toshiba Semiconductor 2SA1954B Datasheet HTML 2Page - Toshiba Semiconductor 2SA1954B Datasheet HTML 3Page - Toshiba Semiconductor 2SA1954B Datasheet HTML 4Page - Toshiba Semiconductor 2SA1954B Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SA1954
2007-11-01
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −15 V, IE = 0
⎯
⎯
−0.1
μA
Emitter cut-off current
IEBO
VEB = −5 V, IC = 0
⎯
⎯
−0.1
μA
DC current gain
hFE
(Note)
VCE = −2 V, IC = −10 mA
300
⎯
1000
VCE (sat) (1) IC = −10 mA, IB = −0.5 mA
⎯
−15
−30
Collector-emitter saturation voltage
VCE (sat) (2) IC = −200 mA, IB = −10 mA
⎯
−110
−250
mV
Base-emitter saturation voltage
VBE (sat)
IC = −200 mA, IB = −10 mA
⎯
−0.87
−1.2
V
Transition frequency
fT
VCE = −2 V, IC = −10 mA
80
130
⎯
MHz
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
⎯
4.2
pF
Collector-emitter on resistance
Ron
IB = −1 mA, Vin = −1 Vrms, f = 1 kHz
⎯
0.9
⎯
Ω
Turn-on time
ton
⎯
40
⎯
Storage time
tstg
⎯
280
⎯
Switching time
Fall time
tf
IB1 = −IB2 = 5 mA
⎯
45
⎯
ns
Note: hFE classification A: 300~600, B: 500~1000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com