Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBV0140-G Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBV0140-G
Description  SMD Schottky Barrier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBV0140-G Datasheet(HTML) 1 Page - Comchip Technology

  CDBV0140-G Datasheet HTML 1Page - Comchip Technology CDBV0140-G Datasheet HTML 2Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDBV0140-G
Features
Mechanical data
-High current rectifier Schottky diode.
-Low voltage, low inductance.
-For power supply.
Case: SOD-323, Molded Plastic
Terminals: Solderable per MIL-STD-202,
Method 208
Marking: 4
Page 1
QW-BA014
RoHS Device
REV:A
Parameter
Symbol
Limits
Unit
Parameter
Conditions
Symbol Min Typ Max Unit
SOD-323
Dimensions in inches and (millimeters)
0.106 (2.70)
0.098 (2.50)
0.055 (1.40)
0.047 (1.20)
0.071 (1.80)
0.063 (1.60)
0.039 (1.00)max
0.014 (0.35)
0.010 (0.25)
0.019 (0.475)REF.
0.006 (0.15)
0.004 (0.10)max
0.003 (0.08)
Peak reverse voltage
DC reverse voltage
Average rectified current
Peak forward surge current
Junction temperature range
Storage temperature range
V
V
I
I
T
T
RM
R
O
FSM
J
STG
45
40
0.1
1
-55 ~ +125
-55 ~ +125
V
V
A
A
C
O
OC
Forward voltage
Reverse current
Capacitance between terminals
I =100mA
I =10mA
V =10V
V =10V, f=1MHz
F
F
R
R
V
I
C
F
R
T
6
0.55
0.34
30
V
μA
pF
SMD Schottky Barrier Diode
IO=0.1A
VR=30V
-
-
-
Maximum Ratings (at Ta=25°C unless otherwise noted)
Electrical Characteristics (at Ta=25°C unless otherwise noted)


Similar Part No. - CDBV0140-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBV0140-G COMCHIP-CDBV0140-G Datasheet
85Kb / 2P
SMD Schottky Barrier Diode
More results

Similar Description - CDBV0140-G

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
RB521G30-G COMCHIP-RB521G30-G Datasheet
51Kb / 2P
SMD Schottky Barrier Diode
CDBF0145 COMCHIP-CDBF0145 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0245 COMCHIP-CDBF0245 Datasheet
151Kb / 2P
SMD Schottky Barrier Diode
CDBF0520 COMCHIP-CDBF0520 Datasheet
124Kb / 2P
SMD Schottky Barrier Diode
CDBFR40 COMCHIP-CDBFR40 Datasheet
72Kb / 2P
SMD Schottky Barrier Diode
CDBFR0145 COMCHIP-CDBFR0145 Datasheet
76Kb / 2P
SMD Schottky Barrier Diode
CDBFR00340 COMCHIP-CDBFR00340 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBFR0520L COMCHIP-CDBFR0520L Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
CDBU70 COMCHIP-CDBU70 Datasheet
74Kb / 2P
SMD Schottky Barrier Diode
CDBUR42 COMCHIP-CDBUR42 Datasheet
73Kb / 2P
SMD Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com