Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5108 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SC5108
Description  For VCO Application
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5108 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SC5108 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5108 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5108 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5108 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5108 Datasheet HTML 5Page - Toshiba Semiconductor 2SC5108 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SC5108
2010-02-17
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 10 V, IE = 0
⎯
⎯
1
μA
Emitter cut-off current
IEBO
VEB = 1 V, IC = 0
⎯
⎯
1
μA
DC current gain
hFE
(Note 1)
VCE = 5 V, IC = 5 mA
80
⎯
240
Transition frequency
fT
VCE = 5 V, IC = 5 mA
4
6
⎯
GHz
Insertion gain
⎪S21e⎪
2
VCE = 5 V, IC = 5 mA, f = 1 GHz
7
11
⎯
dB
Output capacitance
Cob
⎯
0.7
⎯
pF
Reverse transfer capacitance
Cre
VCB = 5 V, IE = 0, f = 1 MHz
(Note 2)
⎯
0.5
0.9
pF
Collector-base time constant
Cc・rbb’
VCB = 5 V, IC = 3 mA, f = 30 MHz
⎯
5.5
15
ps
Note 1: hFE classification O: 80 to 160, Y: 120 to 240
Note 2: Cre is measured by 3 terminal method with capacitance bridge.
Marking



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com