Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOC2907A Datasheet(PDF) 20 Page - STMicroelectronics

Part # SOC2907A
Description  Hi-Rel 60 V, 0.6 A PNP transistor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SOC2907A Datasheet(HTML) 20 Page - STMicroelectronics

Back Button SOC2907A Datasheet HTML 13Page - STMicroelectronics SOC2907A Datasheet HTML 14Page - STMicroelectronics SOC2907A Datasheet HTML 15Page - STMicroelectronics SOC2907A Datasheet HTML 16Page - STMicroelectronics SOC2907A Datasheet HTML 17Page - STMicroelectronics SOC2907A Datasheet HTML 18Page - STMicroelectronics SOC2907A Datasheet HTML 19Page - STMicroelectronics SOC2907A Datasheet HTML 20Page - STMicroelectronics SOC2907A Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Revision history
2N2907AHR
20/21
DocID15382 Rev 6
7
Revision history
Table 17.
Document revision history
Date
Revision
Changes
09-Feb-2009
1
Initial release
05-Jan-2010
2
Modified
Table 1 on page 1
30-Nov-2011
3
Minor text changes in the document title and description on the
coverpage
14-May-2012
4
New package inserted (UB).
Updated:
–
Table 1: Device summary, Table 2: Absolute maximum ratings and
Table 3: Thermal data.
–
Section 2: Electrical characteristics and Section 4: Package
mechanical data.
Added:
–
Section : Order codes and Section 6: Shipping details.
03-Jun-2013
5
Added:
– new section
Radiation hardness assurance
–
Table 9 on page 12
– Corrected the revision number and dates of revision 3
18-Sep-2013
6
Updated
Table 1: Device summary and Section 5: Order codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com