Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GT40WR21 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # GT40WR21
Description  Discrete IGBTs Silicon N-Channel IGBT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

GT40WR21 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  GT40WR21 Datasheet HTML 1Page - Toshiba Semiconductor GT40WR21 Datasheet HTML 2Page - Toshiba Semiconductor GT40WR21 Datasheet HTML 3Page - Toshiba Semiconductor GT40WR21 Datasheet HTML 4Page - Toshiba Semiconductor GT40WR21 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GT40WR21
3
6.
6.
6.
6. Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
6.1.
6.1.
6.1.
6.1. Static Characteristics (T
Static Characteristics (T
Static Characteristics (T
Static Characteristics (Taaaa = 25
= 25
= 25
= 25
, unless otherwise specified)
, unless otherwise specified)
, unless otherwise specified)
, unless otherwise specified)
Characteristics
Gate leakage current
Collector cut-off current
Gate-emitter cut-off voltage
Collector-emitter saturation voltage
Diode forward voltage
Symbol
IGES
ICES
VGE(OFF)
VCE(sat)
VF
Test Condition
VGE = ±25 V, VCE = 0 V
VCE = 1800 V, VGE = 0 V
IC = 40 mA, VCE = 5 V
IC = 40 A, VGE = 15 V
IF = 15 A, VGE = 0 V
Min
4.5
Typ.
2.9
1.7
Max
±100
1
7.5
5.9
2.7
Unit
nA
mA
V
6.2.
6.2.
6.2.
6.2. Dynamic Characteristics (T
Dynamic Characteristics (T
Dynamic Characteristics (T
Dynamic Characteristics (Taaaa = 25
= 25
= 25
= 25
, unless otherwise specified)
, unless otherwise specified)
, unless otherwise specified)
, unless otherwise specified)
Characteristics
Input capacitance
Switching time (rise time)
Switching time (turn-on time)
Switching time (fall time)
Switching time (turn-off time)
Reverse recovery time
Symbol
Cies
tr
ton
tf
toff
trr
Test Condition
VCE = 10 V, VGE = 0 V,
f = 1 MHz
Resistive load
VCC = 600 V, IC = 40 A,
VGG = ±15 V, RG = 51 Ω
See Fig. 6.2.1, 6.2.2.
IF = 15 A, VGE = 0 V,
di/dt = -20 A/µs
Min
Typ.
4500
0.40
0.55
0.15
0.42
1.0
Max
0.35
Unit
pF
µs
Fig.
Fig.
Fig.
Fig. 6.2.1
6.2.1
6.2.1
6.2.1 Test Circuit of Switching Time
Test Circuit of Switching Time
Test Circuit of Switching Time
Test Circuit of Switching Time
Fig.
Fig.
Fig.
Fig. 6.2.2
6.2.2
6.2.2
6.2.2 Timing Chart of Switching Time
Timing Chart of Switching Time
Timing Chart of Switching Time
Timing Chart of Switching Time
7.
7.
7.
7. Marking (Note)
Marking (Note)
Marking (Note)
Marking (Note)
Fig.
Fig.
Fig.
Fig. 7.1
7.1
7.1
7.1 Marking
Marking
Marking
Marking
Note:
A line under a Lot No. identifies the indication of product Labels.
[[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS
compatibility of Product.
The RoHS is the Directive 2002/95/EC of the European Parliament and of the Council of 27 January 2003 on
the restriction of the use of certain hazardous substances in electrical and electronic equipment.
Note:
This transistor is sensitive to electrostatic discharge and should be handled with care.
2012-06-05
Rev.1.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com