Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1802BCS Datasheet(PDF) 8 Page - Analog Intergrations Corporation

Part # AIC1802BCS
Description  Two-Cell Lithium-Ion Battery Protection IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1802BCS Datasheet(HTML) 8 Page - Analog Intergrations Corporation

Back Button AIC1802BCS Datasheet HTML 2Page - Analog Intergrations Corporation AIC1802BCS Datasheet HTML 3Page - Analog Intergrations Corporation AIC1802BCS Datasheet HTML 4Page - Analog Intergrations Corporation AIC1802BCS Datasheet HTML 5Page - Analog Intergrations Corporation AIC1802BCS Datasheet HTML 6Page - Analog Intergrations Corporation AIC1802BCS Datasheet HTML 7Page - Analog Intergrations Corporation AIC1802BCS Datasheet HTML 8Page - Analog Intergrations Corporation AIC1802BCS Datasheet HTML 9Page - Analog Intergrations Corporation AIC1802BCS Datasheet HTML 10Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
AIC1802
8
time TOI is tabulated as below.
VCS (V)
TOI (S)
150m
9.0m
200m
5.6m
300m
2.8m
360m
2.0m
1V
540
µ
3V
290
µ
5V
270
µ
Unbalanced Discharge after Overcharge
When either of the battery cells is overcharged,
the AIC1802 will automatically discharge the
overcharged cell at about 7.7mA until the voltage
of the overcharged cell is equal to the voltage of
the other cell. If the voltage of the other cell is
below VOCR, the internal cell-balance “bleeding”
will proceed until the voltage of the overcharged
cell decreases to VOCR.
DESIGN GUIDE
Adjustment
of
Overcharge
and
Overdischarge Delay Time
Both the overcharge and overdischarge delay
times default to 25mS and can be extended by
adding the external capacitors CTC and CTD,
respectively. Increasing the capacitance value will
increase the delay time. The relationship between
capacitance of the external capacitors and delay
time is tabulated as below:
CTC (F)
TOC (S)
0
µ
25m
0.1
µ
320m
0.3
µ
890m
0.47
µ
1.12
0.57
µ
1.43
CTD (F)
TOD (S)
0
µ
25m
0.1
µ
320m
0.3
µ
820m
0.47
µ
1.08
0.57
µ
1.39
Selection of External Control MOSFETs
Because the overcurrent protection voltage is
preset, the threshold current for
overcurrent
detection is determined by the turn-on resistance
of the discharge control MOSFET M1. The turn-
on resistance of the external control MOSFETs
can be determined by the equation: RON=VOIP/IT
(IT is the overcurrent threshold current). For
example, if the overcurrent threshold current IT is
designed to be 5A, the turn-on resistance of the
external control MOSFETs must be 30m
Ω. Users
should be aware that turn-on resistance of the
MOSFET changes with temperature variation due
to heat dissipation. It changes with the voltage
between gate and source as well. (Turn-on
resistance of a MOSFET increases as the voltage
between gate and source decreases). Once the
turn-on resistance of
the
external
MOSFET



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com