Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL431ACZ Datasheet(PDF) 10 Page - Analog Intergrations Corporation

Part # TL431ACZ
Description  Adjustable Precision Shunt Regulators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

TL431ACZ Datasheet(HTML) 10 Page - Analog Intergrations Corporation

Back Button TL431ACZ Datasheet HTML 3Page - Analog Intergrations Corporation TL431ACZ Datasheet HTML 4Page - Analog Intergrations Corporation TL431ACZ Datasheet HTML 5Page - Analog Intergrations Corporation TL431ACZ Datasheet HTML 6Page - Analog Intergrations Corporation TL431ACZ Datasheet HTML 7Page - Analog Intergrations Corporation TL431ACZ Datasheet HTML 8Page - Analog Intergrations Corporation TL431ACZ Datasheet HTML 9Page - Analog Intergrations Corporation TL431ACZ Datasheet HTML 10Page - Analog Intergrations Corporation TL431ACZ Datasheet HTML 11Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
AIC431/TL431A/TL431
10
n PHYSICAL DIMENSIONS
l 8 LEAD PLASTIC SO (unit: mm)
SYMBOL
MIN
MAX
A
1.35
1.75
A1
0.10
0.25
B
0.33
0.51
C
0.19
0.25
D
4.80
5.00
E
3.80
4.00
e
1.27(TYP)
H
5.80
6.20
L
0.40
1.27
D
H
e
A
B
C
E
L
l SOT-23 (unit: mm)
SYMBOL
MIN
MAX
A
1.00
1.30
A1
—
0.10
A2
0.70
0.90
b
0.35
0.50
C
0.10
0.25
D
2.70
3.10
E
1.40
1.80
e
1.90 (TYP)
H
2.60
3.00
L
0.37
—
H
A1
A
A2
b
θ1
L
C
D
E
e
θ1
1°
9°
l SOT-23 MARKING
Part No.
Marking
Part No.
Marking
AIC431CUN
AC1N
AIC431CUS
AC1S
TL431CUN
AC2N
TL431CUS
AC2S
TL431ACUN
AC3N
TL431ACUS
AC3S



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com