Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF02RC883 Datasheet(PDF) 12 Page - Analog Devices

Part # REF02RC883
Description  Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF02RC883 Datasheet(HTML) 12 Page - Analog Devices

Back Button REF02RC883 Datasheet HTML 8Page - Analog Devices REF02RC883 Datasheet HTML 9Page - Analog Devices REF02RC883 Datasheet HTML 10Page - Analog Devices REF02RC883 Datasheet HTML 11Page - Analog Devices REF02RC883 Datasheet HTML 12Page - Analog Devices REF02RC883 Datasheet HTML 13Page - Analog Devices REF02RC883 Datasheet HTML 14Page - Analog Devices REF02RC883 Datasheet HTML 15Page - Analog Devices REF02RC883 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
REF01/REF02/REF03
Rev. K | Page 12 of 20
TIME (4µs/DIV)
CL = 0.01µF
NO INPUT CAPACITOR
VIN 10V/DIV
VOUT 5V/DIV
Figure 31. REF02 Turn-Off Response (No Input Capacitor)
125
25
50
75
100
0.40
0.80
0.75
0.70
0.65
0.60
0.55
0.50
0.45
–25
0
–50
VIN = 15V
SAMPLE SIZE = 5
TEMPERATURE (°C)
ΔV
TEMP /ΔT ≈ 1.96mV/°C
Figure 32. Output Voltage at TEMP Pin vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com