Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18F8680 Datasheet(PDF) 293 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 293 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 289Page - Microchip Technology 18F8680 Datasheet HTML 290Page - Microchip Technology 18F8680 Datasheet HTML 291Page - Microchip Technology 18F8680 Datasheet HTML 292Page - Microchip Technology 18F8680 Datasheet HTML 293Page - Microchip Technology 18F8680 Datasheet HTML 294Page - Microchip Technology 18F8680 Datasheet HTML 295Page - Microchip Technology 18F8680 Datasheet HTML 296Page - Microchip Technology 18F8680 Datasheet HTML 297Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 496 page
background image
 2004 Microchip Technology Inc.
DS30491C-page 291
PIC18F6585/8585/6680/8680
23.2.3
DEDICATED CAN RECEIVE
BUFFER REGISTERS
This section shows the dedicated CAN Receive Buffer
registers with their associated control registers.
REGISTER 23-13: RXB0CON: RECEIVE BUFFER 0 CONTROL REGISTER
Mode 0
R/C-0
R/W-0
R/W-0
U-0
R-0
R/W-0
R-0
R-0
RXFUL
RXM1
RXM0
—
RXRTRRO RXB0DBEN
JTOFF
FILHIT0
Mode 1, 2
R/C-0
R/W-0
R-0
R-0
R-0
R-0
R-0
R-0
RXFUL
RXM1
RTRRO
FILHIT4
FILHIT3
FILHIT2
FILHIT1
FILHIT0
bit 7
bit 0
bit 7
RXFUL: Receive Full Status bit
1
= Receive buffer contains a received message
0
= Receive buffer is open to receive a new message
Note:
This bit is set by the CAN module upon receiving a message and must be cleared
by software after the buffer is read. As long as RXFUL is set, no new message will
be loaded and buffer will be considered full.
bit 6
Mode 0:
RXM1: Receive Buffer Mode bit 1; combines with RXM0 to form RXM<1:0> bits (see bit 5)
11
= Receive all messages (including those with errors); filter criteria is ignored
10
= Receive only valid messages with extended identifier; EXIDEN in RXFnSIDL must be ‘1’
01
= Receive only valid messages with standard identifier, EXIDEN in RXFnSIDL must be ‘0’
00
= Receive all valid messages as per EXIDEN bit in RXFnSIDL register
Mode 1, 2:
RXM1: Receive Buffer Mode bit
1
= Receive all messages (including those with errors); acceptance filters are ignored
0
= Receive all valid messages as per acceptance filters
bit 5
Mode 0:
RXM0: Receive Buffer Mode bit 0; combines with RXM1 to form RXM<1:0> bits (see bit 6)
Mode 1, 2:
RTRRO: Remote Transmission Request bit for Received Message (read-only)
1
= A remote transmission request is received
0
= A remote transmission request is not received
bit 4
Mode 0:
Unimplemented: Read as ‘0’
Mode 1, 2:
FILHIT4: Filter Hit bit 4
This bit combines with other bits to form filter acceptance bits <4:0>.
bit 3
Mode 0:
RXRTRRO: Remote Transmission Request bit for Received Message (read-only)
1
= A remote transmission request is received
0
= A remote transmission request is not received
Mode 1, 2:
FILHIT3: Filter Hit bit 3
This bit combines with other bits to form filter acceptance bits <4:0>.
Legend:
U = Unimplemented bit, read as ‘0’
- n = Value at POR
C = Clearable bit
R = Readable bit
W = Writable bit
x = Bit is unknown
‘1’ = Bit is set
‘0’ = Bit is cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com