Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

18F8680 Datasheet(PDF) 294 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 294 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 290Page - Microchip Technology 18F8680 Datasheet HTML 291Page - Microchip Technology 18F8680 Datasheet HTML 292Page - Microchip Technology 18F8680 Datasheet HTML 293Page - Microchip Technology 18F8680 Datasheet HTML 294Page - Microchip Technology 18F8680 Datasheet HTML 295Page - Microchip Technology 18F8680 Datasheet HTML 296Page - Microchip Technology 18F8680 Datasheet HTML 297Page - Microchip Technology 18F8680 Datasheet HTML 298Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 496 page
background image
PIC18F6585/8585/6680/8680
DS30491C-page 292
 2004 Microchip Technology Inc.
REGISTER 23-13: RXB0CON: RECEIVE BUFFER 0 CONTROL REGISTER (CONTINUED)
bit 2
Mode 0:
RXB0DBEN: Receive Buffer 0 Double-Buffer Enable bit
1
= Receive Buffer 0 overflow will write to Receive Buffer 1
0
= No Receive Buffer 0 overflow to Receive Buffer 1
Mode 1, 2:
FILHIT2: Filter Hit bit 2
This bit combines with other bits to form filter acceptance bits <4:0>.
bit 1
Mode 0:
JTOFF: Jump Table Offset bit (read-only copy of RXB0DBEN)
1
= Allows jump table offset between 6 and 7
0
= Allows jump table offset between 1 and 0
Note:
This bit allows same filter jump table for both RXB0CON and RXB1CON.
Mode 1, 2:
FILHIT1: Filter Hit bit 1
This bit combines with other bits to form filter acceptance bits <4:0>.
bit 0
Mode 0:
FILHIT0: Filter Hit bit 0
This bit indicates which acceptance filter enabled the message reception into Receive Buffer 0.
1
= Acceptance Filter 1 (RXF1)
0
= Acceptance Filter 0 (RXF0)
Mode 1, 2:
FILHIT0: Filter Hit bit 0
This bit, in combination with FILHIT<4:1>, indicates which acceptance filter enabled the
message reception into this receive buffer.
01111
= Acceptance Filter 15 (RXF15)
01110
= Acceptance Filter 14 (RXF14)
...
00000
= Acceptance Filter 0 (RXF0)
Legend:
U = Unimplemented bit, read as ‘0’
- n = Value at POR
C = Clearable bit
R = Readable bit
W = Writable bit
x = Bit is unknown
‘1’ = Bit is set
‘0’ = Bit is cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com