Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FJ16GA002 Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC24FJ16GA002
Description  PIC24FJXXXGA0XX Flash Programming Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ16GA002 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC24FJ16GA002 Datasheet HTML 17Page - Microchip Technology PIC24FJ16GA002 Datasheet HTML 18Page - Microchip Technology PIC24FJ16GA002 Datasheet HTML 19Page - Microchip Technology PIC24FJ16GA002 Datasheet HTML 20Page - Microchip Technology PIC24FJ16GA002 Datasheet HTML 21Page - Microchip Technology PIC24FJ16GA002 Datasheet HTML 22Page - Microchip Technology PIC24FJ16GA002 Datasheet HTML 23Page - Microchip Technology PIC24FJ16GA002 Datasheet HTML 24Page - Microchip Technology PIC24FJ16GA002 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
© 2008 Microchip Technology Inc.
DS39768D-page 21
PIC24FJXXXGA0XX
3.7
Writing Configuration Words
The PIC24FJXXXGA0XX family configuration is stored
in Flash Configuration Words at the end of the user
space program memory and in multiple register
Configuration Words located in the test space.
These registers reflect values read at any Reset from
program memory locations. The values can be changed
only by programming the content of the corresponding
Flash Configuration Word and resetting the device. The
Reset forces an automatic reload of the Flash stored
configuration
values
by
sequencing
through
the
dedicated Flash Configuration Words and transferring
the data into the Configuration registers. To change the
values of the Flash Configuration Word once it has been
programmed, the device must be Chip Erased, as
described in Section 3.5 “Erasing Program Memory”,
and reprogrammed to the desired value. It is not
possible to program a ‘0’ to ‘1’, but they may be
programmed from a ‘1’ to ‘0’ to enable code protection.
Table 3-7 shows the ICSP programming details for pro-
gramming the Configuration Word locations, including
the serial pattern with the ICSP command code which
must be transmitted, Least Significant bit first, using the
PGCx and PGDx pins (see Figure 3-2).
In Step 1, the Reset vector is exited. In Step 2, the
NVMCON register is initialized for programming of
code memory. In Step 3, the 24-bit starting destination
address for programming is loaded into the TBLPAG
register and W7 register.
The TBLPAG register must be loaded with the
following:
• 96 and 64 Kbyte devices – 00h
• 128 Kbyte devices – 01h
To verify the data by reading the Configuration Words
after performing the write in order, the code protection
bits initially should be programmed to a ‘1’ to ensure
that the verification can be performed properly. After
verification is finished, the code protection bit can be
programmed to a ‘0’ by using a word write to the
appropriate Configuration Word.
TABLE 3-6:
DEFAULT CONFIGURATION
REGISTER VALUES
Address
Name
Default Value
Last Word
CW1
7FFFh(1)
Last Word – 2
CW2
FFFFh
Note 1:
CW1<15> is reserved and must be
programmed to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com