Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FJ64GA002 Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC24FJ64GA002
Description  PIC24FJXXXGA0XX Flash Programming Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA002 Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC24FJ64GA002 Datasheet HTML 35Page - Microchip Technology PIC24FJ64GA002 Datasheet HTML 36Page - Microchip Technology PIC24FJ64GA002 Datasheet HTML 37Page - Microchip Technology PIC24FJ64GA002 Datasheet HTML 38Page - Microchip Technology PIC24FJ64GA002 Datasheet HTML 39Page - Microchip Technology PIC24FJ64GA002 Datasheet HTML 40Page - Microchip Technology PIC24FJ64GA002 Datasheet HTML 41Page - Microchip Technology PIC24FJ64GA002 Datasheet HTML 42Page - Microchip Technology PIC24FJ64GA002 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
© 2008 Microchip Technology Inc.
DS39768D-page 39
PIC24FJXXXGA0XX
5.2.10
PROGW COMMAND
The PROGW command instructs the programming
executive to program one word of code memory
(3 bytes) to the specific memory address.
After the word has been programmed to code memory,
the programming executive verifies the programmed
data against the data in the command.
Expected Response (2 words):
1600h
0002h
5.2.11
QBLANK COMMAND
The QBLANK command queries the programming
executive to determine if the contents of code memory
and code-protect Configuration bits (GCP and GWRP)
are blank (contain all ‘1’s). The size of code memory to
check must be specified in the command.
The Blank Check for code memory begins at 0h and
advances toward larger addresses for the specified
number of instruction words.
QBLANK returns a QE_Code of F0h if the specified
code memory and code-protect bits are blank;
otherwise, QBLANK returns a QE_Code of 0Fh.
Expected Response (2 words for blank device):
1AF0h
0002h
Expected Response (2 words for non-blank device):
1A0Fh
0002h
15
12 11
8 7
0
Opcode
Length
Data_MSB
Addr_MSB
Addr_LS
Data_LS
Field
Description
Opcode
Dh
Length
4h
Reserved
0h
Addr_MSB
MSB of 24-bit destination address
Addr_LS
Least Significant 16 bits of 24-bit
destination address
Data_MSB
MSB of 24-bit data
Data_LS
Least Significant 16 bits of 24-bit data
15
12 11
0
Opcode
Length
PSize_MSW
PSize_LSW
Field
Description
Opcode
Ah
Length
3h
PSize
Length of program memory to check
in 24-bit words plus one (max. of
49152)
Note:
QBLANK does not check the system
operation Configuration bits, since these
bits are not set to ‘1’ when a Chip Erase is
performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com