Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FJ16GA Datasheet(PDF) 16 Page - Microchip Technology

Part # PIC24FJ16GA
Description  PIC24FJXXXGA0XX Flash Programming Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ16GA Datasheet(HTML) 16 Page - Microchip Technology

Back Button PIC24FJ16GA Datasheet HTML 12Page - Microchip Technology PIC24FJ16GA Datasheet HTML 13Page - Microchip Technology PIC24FJ16GA Datasheet HTML 14Page - Microchip Technology PIC24FJ16GA Datasheet HTML 15Page - Microchip Technology PIC24FJ16GA Datasheet HTML 16Page - Microchip Technology PIC24FJ16GA Datasheet HTML 17Page - Microchip Technology PIC24FJ16GA Datasheet HTML 18Page - Microchip Technology PIC24FJ16GA Datasheet HTML 19Page - Microchip Technology PIC24FJ16GA Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
PIC24FJXXXGA0XX
DS39768D-page 16
© 2008 Microchip Technology Inc.
3.4
Flash Memory Programming in
ICSP Mode
3.4.1
PROGRAMMING OPERATIONS
Flash memory write and erase operations are controlled
by the NVMCON register. Programming is performed by
setting NVMCON to select the type of erase operation
(Table 3-2) or write operation (Table 3-3) and initiating
the programming by setting the WR control bit
(NVMCON<15>).
In ICSP mode, all programming operations are
self-timed. There is an internal delay between the user
setting the WR control bit and the automatic clearing of
the WR control bit when the programming operation
is complete. Please refer to Section 7.0 “AC/DC
Characteristics and Timing Requirements” for
information about the delays associated with various
programming operations.
TABLE 3-2:
NVMCON ERASE
OPERATIONS
TABLE 3-3:
NVMCON WRITE
OPERATIONS
3.4.2
STARTING AND STOPPING A
PROGRAMMING CYCLE
The WR bit (NVMCON<15>) is used to start an erase or
write cycle. Setting the WR bit initiates the programming
cycle.
All erase and write cycles are self-timed. The WR bit
should be polled to determine if the erase or write cycle
has been completed. Starting a programming cycle is
performed as follows:
3.5
Erasing Program Memory
The procedure for erasing program memory (all of code
memory,
data
memory,
executive
memory
and
code-protect bits) consists of setting NVMCON to
404Fh and executing the programming cycle.
A Chip Erase can erase all of user memory or all of both
the user and configuration memory. A table write
instruction should be executed prior to performing the
Chip Erase to select which sections are erased.
When this table write instruction is executed:
• If the TBLPAG register points to user space (is
less than 0x80), the Chip Erase will erase only
user memory.
• If TBLPAG points to configuration space (is
greater than or equal to 0x80), the Chip Erase will
erase both user and configuration memory.
If configuration memory is erased, the internal
oscillator Calibration Word, located at 0x807FE,
will be erased. This location should be stored prior
to performing a whole Chip Erase and restored
afterward to prevent internal oscillators from
becoming uncalibrated.
Figure 3-5 shows the ICSP programming process for
performing a Chip Erase. This process includes the
ICSP command code, which must be transmitted (for
each instruction), Least Significant bit first, using the
PGCx and PGDx pins (see Figure 3-2).
FIGURE 3-5:
CHIP ERASE FLOW
NVMCON
Value
Erase Operation
404Fh
Erase all code memory, executive
memory and Configuration registers
(does not erase Unit ID or Device ID
registers).
4042h
Erase a page of code memory or
executive memory.
NVMCON
Value
Write Operation
4003h
Write a Configuration Word register.
4001h
Program 1 row (64 instruction words) of
code memory or executive memory.
BSET
NVMCON, #WR
Note:
Program memory must be erased before
writing any data to program memory.
Start
Done
Set the WR bit to Initiate Erase
Write 404Fh to NVMCON SFR
Delay P11 + P10 Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com