Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5245BRJ50-R2 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5245BRJ50-R2
Description  256-Position I2C-Compatible Digital Potentiometer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5245BRJ50-R2 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5245BRJ50-R2 Datasheet HTML 6Page - Analog Devices AD5245BRJ50-R2 Datasheet HTML 7Page - Analog Devices AD5245BRJ50-R2 Datasheet HTML 8Page - Analog Devices AD5245BRJ50-R2 Datasheet HTML 9Page - Analog Devices AD5245BRJ50-R2 Datasheet HTML 10Page - Analog Devices AD5245BRJ50-R2 Datasheet HTML 11Page - Analog Devices AD5245BRJ50-R2 Datasheet HTML 12Page - Analog Devices AD5245BRJ50-R2 Datasheet HTML 13Page - Analog Devices AD5245BRJ50-R2 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD5245
Rev. B | Page 10 of 20
CODE (Decimal)
–50
0
50
100
150
200
32
096
64
128
160
192
224
256
Figure 16. Rheostat Mode Tempco ∆RWB/∆T vs. Code
CODE (Decimal)
–20
0
20
40
60
80
100
120
140
160
32
096
64
128
160
192
224
256
Figure 17. Potentiometer Mode Tempco ∆VWB/∆T vs. Code
1k
10k
100k
1M
0
–6
–12
–18
–24
–30
–36
–42
–48
–54
–60
0x80
0x40
0x20
0x10
0x08
0x04
0x02
0x01
REF LEVEL
0.000dB
/DIV
6.000dB
MARKER 1 000 000.000Hz
MAG (A/R)
–8.918dB
START 1 000.000Hz
STOP 1 000 000.000Hz
Figure 18. Gain vs. Frequency vs. Code, RAB = 5 kΩ
1k
10k
100k
1M
0
–6
–12
–18
–24
–30
–36
–42
–48
–54
–60
0x80
0x40
0x20
0x10
0x08
0x04
0x02
0x01
REF LEVEL
0.000dB
/DIV
6.000dB
MARKER 510 634.725Hz
MAG (A/R)
–9.049dB
START 1 000.000Hz
STOP 1 000 000.000Hz
Figure 19. Gain vs. Frequency vs. Code, RAB = 10 kΩ
1k
10k
100k
1M
0
–6
–12
–18
–24
–30
–36
–42
–48
–54
–60
0x80
0x40
0x20
0x10
0x08
0x04
0x02
0x01
REF LEVEL
0.000dB
/DIV
6.000dB
MARKER 100 885.289Hz
MAG (A/R)
–9.014dB
START 1 000.000Hz
STOP 1 000 000.000Hz
Figure 20. Gain vs. Frequency vs. Code, RAB = 50 kΩ
1k
10k
100k
1M
0
–6
–12
–18
–24
–30
–36
–42
–48
–54
–60
0x80
0x40
0x20
0x10
0x08
0x04
0x02
0x01
REF LEVEL
0.000dB
/DIV
6.000dB
MARKER 54 089.173Hz
MAG (A/R)
–9.052dB
START 1 000.000Hz
STOP 1 000 000.000Hz
Figure 21. Gain vs. Frequency vs. Code, RAB = 100 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com