Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7685 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7685
Description  16-Bit, 500 kSPS PulSAR ADC in MSOP/QFN
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7685 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7685 Datasheet HTML 17Page - Analog Devices AD7685 Datasheet HTML 18Page - Analog Devices AD7685 Datasheet HTML 19Page - Analog Devices AD7685 Datasheet HTML 20Page - Analog Devices AD7685 Datasheet HTML 21Page - Analog Devices AD7685 Datasheet HTML 22Page - Analog Devices AD7685 Datasheet HTML 23Page - Analog Devices AD7685 Datasheet HTML 24Page - Analog Devices AD7685 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD7686
Rev. B | Page 21 of 28
CHAIN MODE, NO BUSY INDICATOR
This mode can be used to daisy-chain multiple AD7686s on a
3-wire serial interface. This feature is useful for reducing
component count and wiring connections, for example, in
isolated multiconverter applications or for systems with a
limited interfacing capacity. Data readback is analogous to
clocking a shift register.
A connection diagram example using two AD7686s is shown in
Figure 41, and the corresponding timing is given in Figure 42.
When SDI and CNV are low, SDO is driven low. With SCK low,
a rising edge on CNV initiates a conversion, selects the chain
mode, and disables the busy indicator. In this mode, CNV is
held high during the conversion phase and the subsequent data
readback.
When the conversion is complete, the MSB is output onto SDO,
and the AD7686 enters the acquisition phase and powers down.
The remaining data bits stored in the internal shift register are
then clocked by subsequent SCK falling edges. For each ADC,
SDI feeds the input of the internal shift register and is clocked
by the SCK falling edge. Each ADC in the chain outputs its data
MSB first, and 16 × N clocks are required to read back the N
ADCs. The data is valid on both SCK edges. Although the rising
edge can be used to capture the data, a digital host using the
SCK falling edge allows a faster reading rate and, consequently,
more AD7686s in the chain, provided the digital host has an
acceptable hold time. The maximum conversion rate can be
reduced due to the total readback time. For instance, with a 3 ns
digital host setup time and 3 V interface, up to four AD7686s
running at a conversion rate of 360 kSPS can be daisy-chained
on a 3-wire port.
CLK
CONVERT
DATA IN
DIGITAL HOST
CNV
SCK
SDO
SDI
AD7686
B
CNV
SCK
SDO
SDI
AD7686
A
Figure 41. Chain Mode, No Busy Indicator Connection Diagram
SDOA = SDIB
DA15
DA14
DA13
SCK
1
2
3
303132
tSSDISCK
tHSDISCK
tEN
CONVERSION
ACQUISITION
tCONV
tCYC
tACQ
ACQUISITION
CNV
DA1
14
15
tSCK
tSCKL
tSCKH
DA0
17
18
16
SDIA = 0
SDOB
DB15
DB14
DB13
DA1
DB1DB0DA15
DA14
tHSDO
tDSDO
tSSCKCNV
tHSCKCNV
DA0
Figure 42. Chain Mode, No Busy Indicator Serial Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com