Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8037ARZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD8037ARZ
Description  Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8037ARZ Datasheet(HTML) 3 Page - Analog Devices

  AD8037ARZ Datasheet HTML 1Page - Analog Devices AD8037ARZ Datasheet HTML 2Page - Analog Devices AD8037ARZ Datasheet HTML 3Page - Analog Devices AD8037ARZ Datasheet HTML 4Page - Analog Devices AD8037ARZ Datasheet HTML 5Page - Analog Devices AD8037ARZ Datasheet HTML 6Page - Analog Devices AD8037ARZ Datasheet HTML 7Page - Analog Devices AD8037ARZ Datasheet HTML 8Page - Analog Devices AD8037ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD8036/AD8037–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
REV. B
–2–
( VS =
5 V; RLOAD = 100
; AV = +1 (AD8036); AV = +2 (AD8037), VH, VL open, unless
otherwise noted)
AD8036A
AD8037A
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Bandwidth (–3 dB)
Small Signal
VOUT
≤ 0.4 V p-p
150
240
200
270
MHz
Large Signal
1
8036, VOUT = 2.5 V p-p; 8037, VOUT = 3.5 V p-p 160
195
160
190
MHz
Bandwidth for 0.1 dB Flatness
VOUT
≤ 0.4 V p-p
8036, RF = 140
Ω; 8037, RF = 274 Ω
130
130
MHz
Slew Rate, Average +/–
VOUT = 4 V Step, 10–90%
900
1200
1100 1500
V/
µs
Rise/Fall Time
VOUT = 0.5 V Step, 10–90%
1.4
1.2
ns
VOUT = 4 V Step, 10–90%
2.6
2.2
ns
Settling Time
To 0.1%
VOUT = 2 V Step
10
10
ns
To 0.01%
VOUT = 2 V Step
16
16
ns
HARMONIC/NOISE PERFORMANCE
2nd Harmonic Distortion
2 V p-p; 20 MHz, RL = 100
Ω
–59
–52
–52
–45
dBc
RL = 500
Ω
–66
–59
–72
–65
dBc
3rd Harmonic Distortion
2 V p-p; 20 MHz, RL = 100
Ω
–68
–61
–70
–63
dBc
RL = 500
Ω
–72
–65
–80
–73
dBc
3rd Order Intercept
25 MHz
46
41
dBm
Noise Figure
RS = 50
Ω
18
14
dB
Input Voltage Noise
1 MHz to 200 MHz
6.7
4.5
nV
√Hz
Input Current Noise
1 MHz to 200 MHz
2.2
2.1
pA
√Hz
Average Equivalent Integrated
Input Noise Voltage
0.1 MHz to 200 MHz
95
60
µV rms
Differential Gain Error (3.58 MHz)
RL = 150
Ω
0.05
0.09
0.02
0.04
%
Differential Phase Error (3.58 MHz)
RL = 150
Ω
0.02
0.04
0.02
0.04
Degree
Phase Nonlinearity
DC to 100 MHz
1.1
1.1
Degree
CLAMP PERFORMANCE
Clamp Voltage Range
2
VCH or VCL
±3.3 ±3.9
±3.3 ±3.9
V
Clamp Accuracy
2
× Overdrive, V
CH = +2 V, VCL = –2 V
±3
±10
±3
±10
mV
TMIN–TMAX
±20
±20
mV
Clamp Nonlinearity Range
3
100
100
mV
Clamp Input Bias Current (VH or VL)
8036, VH, L =
±1 V; 8037, VH, L = ±0.5 V
±40
±60
±50 ±70
µA
TMIN–TMAX
±80
±90
µA
Clamp Input Bandwidth (–3 dB)
VCH or VCL = 2 V p-p
150
240
180
270
MHz
Clamp Overshoot
2
× Overdrive, V
CH or VCL = 2 V p-p
1
5
1
5
%
Overdrive Recovery
2
× Overdrive
1.5
1.3
ns
DC PERFORMANCE
4, R
L = 150
Ω
Input Offset Voltage
5
27
2
7
mV
TMIN–TMAX
11
10
mV
Offset Voltage Drift
±10
±10
µV/°C
Input Bias Current
410
3
9
µA
TMIN–TMAX
15
15
µA
Input Offset Current
0.3
3
0.1
3
µA
TMIN–TMAX
55
µA
Common-Mode Rejection Ratio
VCM =
±2 V
66
90
70
90
dB
Open-Loop Gain
VOUT =
±2.5 V
48
55
54
60
dB
TMIN–TMAX
40
46
dB
INPUT CHARACTERISTICS
Input Resistance
500
500
k
Ω
Input Capacitance
1.2
1.2
pF
Input Common-Mode Voltage Range
±2.5
±2.5
V
OUTPUT CHARACTERISTICS
Output Voltage Range, RL = 150
Ω±3.2 ±3.9
±3.2 ±3.9
V
Output Current
70
70
mA
Output Resistance
0.3
0.3
Ω
Short Circuit Current
240
240
mA
POWER SUPPLY
Operating Range
±3.0 ±5.0 ±6.0
±3.0 ±5.0 ±6.0 V
Quiescent Current
20.5
21.5
18.5
19.5
mA
TMIN–TMAX
25
24
mA
Power Supply Rejection Ratio
TMIN–TMAX
50
60
56
66
d
B
NOTES
1See Max Ratings and Theory of Operation sections of data sheet.
2See Max Ratings.
3Nonlinearity is defined as the voltage delta between the set input clamp voltage (V
H or VL) and the voltage at which VOUT starts deviating from VIN (see Figure 73).
4Measured at A
V = 50.
5Measured with respect to the inverting input.
Specific
ations subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com