Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8036-EB Datasheet(PDF) 7 Page - Analog Devices

Part # AD8036-EB
Description  Low Distortion, Wide Bandwidth Voltage Feedback Clamp Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8036-EB Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8036-EB Datasheet HTML 3Page - Analog Devices AD8036-EB Datasheet HTML 4Page - Analog Devices AD8036-EB Datasheet HTML 5Page - Analog Devices AD8036-EB Datasheet HTML 6Page - Analog Devices AD8036-EB Datasheet HTML 7Page - Analog Devices AD8036-EB Datasheet HTML 8Page - Analog Devices AD8036-EB Datasheet HTML 9Page - Analog Devices AD8036-EB Datasheet HTML 10Page - Analog Devices AD8036-EB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
REV. B
–6–
AD8036/AD8037
AD8036–Typical Characteristics
200
140
102
49.9
1M
FREQUENCY – Hz
10M
100M
1G
VO = 300mV p-p
VS = 5V
RL = 100
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
TPC 13. AD8036 Small Signal Frequency Response,
G = +1
1M
158
140
150
10M
100M
1G
VO = 300mV p-p
VS = 5V
RL = 100
130
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
FREQUENCY – Hz
TPC 14. AD8036 0.1 dB Flatness, N Package (for R
Package Add 20
Ω to RF)
60
10
10k
100k
10M
1M
30
20
40
50
FREQUENCY – Hz
0
–10
100M
1G
100
20
0
–20
40
60
80
–80
–100
–120
–60
–40
90
70
80
–20
GAIN
PHASE
TPC 15. AD8036 Open-Loop Gain and Phase Margin vs.
Frequency, RL = 100
Ω
VALUE OF FEEDBACK RESISTOR (RF) –
20
240
40
200
220
180
160
140
120
100
80
60
R PACKAGE
RF
130
AD8036
VS = 5V
RL = 100
GAIN = +1
RL
49.9
N PACKAGE
400
350
300
250
200
TPC 16. AD8036 Small Signal –3 dB Bandwidth vs. RF
1M
FREQUENCY – Hz
10M
100M
1G
250
RF = 50
TO
250
BY
50
50
VS = 5V
VO = 2.5V p-p
RL = 100
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
TPC 17. AD8036 Large Signal Frequency Response,
G = +1
FREQUENCY – Hz
1M
10M
100M
1G
100k
VS = 5V
VO = 300mV p-p
RL = 100
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
140
VH
100
VL (VIN)
(VO)
1V
AD8036
TPC 18. AD8036 Clamp Input Bandwidth, VH, VL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com