Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP7708 Datasheet(PDF) 20 Page - Exar Corporation

Part # XRP7708
Description  Quad Channel Digital PWM Step Down Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7708 Datasheet(HTML) 20 Page - Exar Corporation

Back Button XRP7708 Datasheet HTML 16Page - Exar Corporation XRP7708 Datasheet HTML 17Page - Exar Corporation XRP7708 Datasheet HTML 18Page - Exar Corporation XRP7708 Datasheet HTML 19Page - Exar Corporation XRP7708 Datasheet HTML 20Page - Exar Corporation XRP7708 Datasheet HTML 21Page - Exar Corporation XRP7708 Datasheet HTML 22Page - Exar Corporation XRP7708 Datasheet HTML 23Page - Exar Corporation XRP7708 Datasheet HTML 24Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
X
XR
RP
P7
77
70
08
8 a
an
nd
d X
XR
RP
P7
77
74
40
0
Q
Qu
ua
ad
d C
Ch
ha
an
nn
neell D
Diig
giitta
all P
PW
WM
M S
Stteep
p D
Do
ow
wn
n C
Co
on
nttrro
olllleerrss
© 2012 Exar Corporation
20/28
Rev. 1.2.2
����������������������������������������������������������������%> ����������������
������������������������
Maximum Duty Cycle
The maximum duty cycle is dictated by the minimum required time to sample the current when the
low side MOSFET is on. For the XRP7708, the minimum required sampling time is about 16 clock
cycles at the main oscillator frequency. When calculating maximum duty cycle, the sampling time
needs to be subtracted using the below equation. For example, if operating at 1MHz using the
32MHz main oscillator frequency, the maximum duty cycle would be:
����������������������������������������������������������������%=�1−( 16
��������������������������������������������������������×������������������������������������������������−0.03)�×100≈47%
On the other hand, if the 48MHz main oscillator frequency was chosen for the 1MHz PWM
frequency, the maximum duty cycle would be:
����������������������������������������������������������������%=�1−( 16
��������������������������������������������������������×������������������������������������������������−0.03)�×100≈64%
Therefore, it is best to choose the highest main oscillator frequency for a particular PWM frequency
if duty cycle limit might be encountered. The maximum duty cycle for any PWM frequency can
easily be determined using the following table:
Main Oscillator Frequency
Maximum Duty Cycle
48MHz
44.8MHz 41.6MHz 38.4MHz 35.2MHz
32MHz
28.8Mhz 25.6MHz
47%
1.5MHz
1.4MHz
1.3MHz
1.2MHz
1.1MHz
1.0MHz
900KHz
800KHz
64%
1.0MHz
933KHz
867KHz
800KHz
733KHz
667KHz
600KHz
533KHz
72%
750KHz
700KHz
650KHz
600KHz
550KHz
500KHz
450KHz
400KHz
77%
600KHZ
560KHz
520KHz
480KHz
440KHz
400KHz
360KHz
320KHz
80%
500KHz
467KHZ
433KHz
400KHz
367KHz
333KHz
300KHz
NA
83%
429KHZ 400KHZ
370KHz
343KHz
314KHz
NA
NA
NA
85%
375KHz
350KHz
325KHz
300KHz
NA
NA
NA
NA
Fig. 21: PWM Frequency
It is highly recommended that the maximum duty cycle obtained from the table above be
programmed into each of the channels using the SET_DUTY_LIMITER_CHx register. This ensures
that under all conditions (including faults), there will always be sufficient sampling time to measure
the output current. When the duty cycle limit is reached, the output voltage will no longer regulate
and will be clamped based on the maximum duty cycle limit setting.
Efficiency
The PWM Switching frequency plays an important role on overall power conversion efficiency. As
the switching frequency increase, the switching losses also increase. Please see the APPLICATION
INFORMATION, Typical Performance Data for further examples.
Component Selection and Frequency
Typically the components become smaller as the frequency increases, as long as the ripple
requirements remain constant. At higher frequency the inductor can be smaller in value and have a
smaller footprint while still maintaining the same current rating.
FREQUENCY SYNCHRONIZATION FUNCTION AND EXTERNAL CLOCK
The user of the XRP7708 can choose to use an external source as the primary clock for the
XRP7708. This function can be configured using the SET_SYNC_MODE_CONFIG register. This
register sets the operation of the XRP7708 when an external clock is required. By selecting the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com