| Electronic Components Datasheet Search |
|
XRP7740 Datasheet(PDF) 21 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRP7740 Datasheet(HTML) 21 Page - Exar Corporation |
|
21 / 28 page ![]() X XR RP P7 77 70 08 8 a an nd d X XR RP P7 77 74 40 0 Q Qu ua ad d C Ch ha an nn neell D Diig giitta all P PW WM M S Stteep p D Do ow wn n C Co on nttrro olllleerrss © 2012 Exar Corporation 21/28 Rev. 1.2.2 appropriate bit combination the user can configure the IC to function as a master or a slave when two or more XRP7708s are used to convert power in a system. Automatic clock selection is also provided to allow operation even if the external clock fails by switching the IC back to an internal clock. External Clock Synchronization Even when configured to use an external clock, the chip initially powers up with its internal clock. The user can set the percent target that the frequency detector will use when comparing the internal clock with the clock frequency input on the GPIO pin. If the external clock frequency is detected to be within the window specified by the user, then a switchover will occur to the external clock. If the IC does not find a clock in the specified frequency target range then the external clock will not be used and the IC will run on the internal clock that was specified by the user. If the external clock fails the user can chose to have the internal clock take over, using the automatic switch back mode in the SET_SYNC_MODE_CONFIG register. XRP7708 Configured for external clock use CLK_IN GPIO1 Fig. 22:XRP7708 Configured For External Clock Use Synchronized Operation as a Master and Slave Unit Two XRP7708s can be synchronized together. This Master-Slave configuration is described below. • Master When the XRP7708 powers up as a master unit after the internal configuration memory is loaded the unit will send CLK_OUT and SYNC_OUT signals to the slave on the preconfigured GPIO pins. • Slave When powering in sync mode the slave unit will initially power up with its internal clock to transfer the configuration memory. Once this transfer occurs, then the unit is set to function as a slave unit. In turn the unit will take the external clock provided by the master to run as its main internal clock. GPIO2 GPIO2 XRP7708 configured as a master XRP7708 configured as a slave CLK_OUT SYNC_OUT SYNC_IN CLK_IN GPIO1 GPIO1 Fig. 23: Master/Slave Configuration of the XRP7708 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |