Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9446 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9446
Description  16-Bit, 80/100 MSPS ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9446 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9446 Datasheet HTML 17Page - Analog Devices AD9446 Datasheet HTML 18Page - Analog Devices AD9446 Datasheet HTML 19Page - Analog Devices AD9446 Datasheet HTML 20Page - Analog Devices AD9446 Datasheet HTML 21Page - Analog Devices AD9446 Datasheet HTML 22Page - Analog Devices AD9446 Datasheet HTML 23Page - Analog Devices AD9446 Datasheet HTML 24Page - Analog Devices AD9446 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
AD9446
Rev. 0 | Page 21 of 36
16000
0
OUTPUT CODE
11 40 315
426
22
80
SAMPLE SIZE = 65538
14000
12000
10000
8000
6000
4000
2000
1192
3424
7277
8376
4073
1458
11927
12619
14296
Figure 42. AD9446-100 Grounded Input Histogram
0
–140
040
FREQUENCY (MHz)
80MSPS
69.3MHz @ –7.0dBFS
70.3MHz @ –7.0dBFS
SFDR = 92dBc
10
20
30
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
–130
Figure 43. AD9446-80 64k Point Two-Tone FFT/80 MSPS/69.3 MHz, 70.3 MHz
0
–130
–100
0
FUNDAMENTAL LEVEL (dB)
–90
–80
–70
–60
–50
–40
–30
–20
–10
SFDR dBFS
SFDR dBc
WORST IMD3 dBc
WORST IMD3 dBFS
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
Figure 44. AD9446-80 Two-Tone SFDR vs. Analog Input Level 80 MSPS/
69.3 MHz, 70.3 MHz
18000
0
OUTPUT CODE
310
146
947
30
198
SAMPLE SIZE = 65538
16000
14000
12000
10000
8000
6000
4000
2000
3916
4393
10145
11027
17090
16450
1181
Figure 45. AD9446-80 Grounded Input Histogram
0
–0.8
–40
TEMPERATURE (°C)
–0.1
–0.2
–0.3
–0.4
–0.5
–0.6
–0.7
–20
0
20
40
60
80
Figure 46. AD9446-100 Gain vs. Temperature
400
0
0
SAMPLE RATE (MSPS)
140
350
300
250
200
150
100
50
20
40
60
80
100
120
DRVDD
AVDD2
AVDD1
Figure 47. AD9446-80 Power Supply Current vs. Sample Rate
10.3 MHz @ −1 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com