Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9517-4ABCPZ Datasheet(PDF) 78 Page - Analog Devices

Part # AD9517-4ABCPZ
Description  12-Output Clock Generator with Integrated 1.6 GHz VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9517-4ABCPZ Datasheet(HTML) 78 Page - Analog Devices

Back Button AD9517-4ABCPZ Datasheet HTML 72Page - Analog Devices AD9517-4ABCPZ Datasheet HTML 73Page - Analog Devices AD9517-4ABCPZ Datasheet HTML 74Page - Analog Devices AD9517-4ABCPZ Datasheet HTML 75Page - Analog Devices AD9517-4ABCPZ Datasheet HTML 76Page - Analog Devices AD9517-4ABCPZ Datasheet HTML 77Page - Analog Devices AD9517-4ABCPZ Datasheet HTML 78Page - Analog Devices AD9517-4ABCPZ Datasheet HTML 79Page - Analog Devices AD9517-4ABCPZ Datasheet HTML 80Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 78 / 80 page
background image
AD9517-4
Data Sheet
Rev. E | Page 78 of 80
CMOS CLOCK DISTRIBUTION
The AD9517 provides four clock outputs (OUT4 to OUT7)
that are selectable as either CMOS or LVDS level outputs.
When selected as CMOS, each output becomes a pair of CMOS
outputs, each of which can be individually turned on or off and
set as noninverting or inverting. These outputs are 3.3 V CMOS
compatible.
Whenever single-ended CMOS clocking is used, some of the
following general guidelines should be used.
Point-to-point nets should be designed such that a driver has
only one receiver on the net, if possible. This allows for simple
termination schemes and minimizes ringing due to possible
mismatched impedances on the net.
Series termination at the source is generally required to provide
transmission line matching and/or to reduce current transients
at the driver. The value of the resistor is dependent on the board
design and timing requirements (typically 10 Ω to 100 Ω is used).
CMOS outputs are also limited in terms of the capacitive load
or trace length that they can drive. Typically, trace lengths of less
than 3 inches are recommended to preserve signal rise/fall times
and preserve signal integrity.
CMOS
CMOS
10Ω
60.4Ω
(1.0 INCH)
MICROSTRIP
Figure 75. Series Termination of CMOS Output
Termination at the far end of the PCB trace is a second option.
The CMOS outputs of the AD9517 do not supply enough current
to provide a full voltage swing with a low impedance resistive,
far-end termination, as shown in Figure 76. The far-end
termination network should match the PCB trace impedance and
provide the desired switching point. The reduced signal swing
may still meet receiver input requirements in some applications.
This can be useful when driving long trace lengths on less
critical nets.
CMOS
CMOS
10Ω
50Ω
100Ω
100Ω
VS
Figure 76. CMOS Output with Far-End Termination
Because of the limitations of single-ended CMOS clocking,
consider using differential outputs when driving high speed
signals over long traces. The AD9517 offers both LVPECL and
LVDS outputs that are better suited for driving long traces
where the inherent noise immunity of differential signaling
provides superior performance for clocking converters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com