Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9831ASTZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9831ASTZ
Description  DIRECT DIGITAL SYNTGESIZER WAVEFORM GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9831ASTZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9831ASTZ Datasheet HTML 4Page - Analog Devices AD9831ASTZ Datasheet HTML 5Page - Analog Devices AD9831ASTZ Datasheet HTML 6Page - Analog Devices AD9831ASTZ Datasheet HTML 7Page - Analog Devices AD9831ASTZ Datasheet HTML 8Page - Analog Devices AD9831ASTZ Datasheet HTML 9Page - Analog Devices AD9831ASTZ Datasheet HTML 10Page - Analog Devices AD9831ASTZ Datasheet HTML 11Page - Analog Devices AD9831ASTZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD9831–Typical Performance Characteristics
–8–
TEMPERATURE –
°C
10
7.5
0
–40
0
–30
–20
5.0
2.5
AVDD = DVDD = +2.97V
–10
Figure 11. Wake-Up Time vs. Temperature
0
–10
–100
–20
–30
–40
–50
–60
–70
–80
–90
START 0Hz
RBW 300Hz
STOP 12.5MHz
ST 277 SEC
VBW 1kHz
Figure 12. fMCLK = 25 MHz, fOUT = 1.1 MHz, Frequency
Word = B439581
0
–10
–100
–20
–30
–40
–50
–60
–70
–80
–90
START 0Hz
RBW 300Hz
STOP 12.5MHz
ST 277 SEC
VBW 1kHz
Figure 13. fMCLK = 25 MHz, fOUT = 2.1 MHz, Frequency
Word = 15810625
0
–10
–100
–20
–30
–40
–50
–60
–70
–80
–90
START 0Hz
RBW 300Hz
STOP 12.5MHz
ST 277 SEC
VBW 1kHz
Figure 14. fMCLK = 25 MHz, fOUT = 3.1 MHz, Frequency
Word = 1FBE76C9
0
–10
–100
–20
–30
–40
–50
–60
–70
–80
–90
START 0Hz
RBW 300Hz
STOP 12.5MHz
ST 277 SEC
VBW 1kHz
Figure 15. fMCLK = 25 MHz, fOUT = 4.1 MHz, Frequency
Word = 29FBE76D
0
–10
–100
–20
–30
–40
–50
–60
–70
–80
–90
START 0Hz
RBW 300Hz
STOP 12.5MHz
ST 277 SEC
VBW 1kHz
Figure 16. fMCLK = 25 MHz, fOUT = 5.1 MHz, Frequency
Word = 34395810
REV. B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com