Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCMP350 Datasheet(PDF) 9 Page - Analog Devices

Part # ADCMP350
Description  Comparators and Reference Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP350 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADCMP350 Datasheet HTML 4Page - Analog Devices ADCMP350 Datasheet HTML 5Page - Analog Devices ADCMP350 Datasheet HTML 6Page - Analog Devices ADCMP350 Datasheet HTML 7Page - Analog Devices ADCMP350 Datasheet HTML 8Page - Analog Devices ADCMP350 Datasheet HTML 9Page - Analog Devices ADCMP350 Datasheet HTML 10Page - Analog Devices ADCMP350 Datasheet HTML 11Page - Analog Devices ADCMP350 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADCMP350/ADCMP354/ADCMP356
Rev. B | Page 9 of 12
APPLICATIONS INFORMATION
ADDING HYSTERESIS
To prevent oscillations at the output caused by noise or slowly
moving signals passing the switching threshold, positive feedback
can be used to add hysteresis to the noninverting parts
(ADCMP354 and ADCMP356).
For the noninverting configuration shown in Figure 20, two
resistors are used to create different switching thresholds,
depending on whether the input signal is increasing or decreasing
in magnitude. When the input voltage is increasing, the threshold is
above VREF, and when it is decreasing, the threshold is below VREF.
The upper input threshold level is given by
(
)
PULLUP
CC
PULLUP
R
R2
R1
V
R
R2
R1
+
+
+
= REF
IN_HI
V
V
where VREF = 0.6 V, assuming RLOAD >> R2, RPULLUP
The lower input threshold level is given by
(
)
R2
R2
R1
V
V
REF
IN_LO
+
=
The hysteresis is the difference between these voltage levels and
is given by
PULLUP
R
R2
R1
+
=
CC
IN
V
V
ADCMP354
OUT
VCC = 5V
RPULLUP
RLOAD
R2
R1
VIN
VREF = 0.6V
Figure 20. Noninverting Comparator Configuration with Added Hysteresis
VOLTAGE DETECTOR
The ADCMP350/ADCMP354/ADCMP356 can be used to
monitor voltages, such as battery monitoring or threshold
detectors. Using a resistor divider at the input to select the
appropriate trip voltage, the comparator can be configured
to give a logic output when the input passes that threshold.
Figure 21 shows the typical configuration of the ADCMP354
for monitoring a supply to indicate that the voltage is above a
certain level.
ADCMP354
OUT
VCC = 5V
RPULLUP
R1
R2
VIN
VREF = 0.6V
Figure 21. Voltage Detector Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com