Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCMP354 Datasheet(PDF) 3 Page - Analog Devices

Part # ADCMP354
Description  Comparators and Reference Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP354 Datasheet(HTML) 3 Page - Analog Devices

  ADCMP354 Datasheet HTML 1Page - Analog Devices ADCMP354 Datasheet HTML 2Page - Analog Devices ADCMP354 Datasheet HTML 3Page - Analog Devices ADCMP354 Datasheet HTML 4Page - Analog Devices ADCMP354 Datasheet HTML 5Page - Analog Devices ADCMP354 Datasheet HTML 6Page - Analog Devices ADCMP354 Datasheet HTML 7Page - Analog Devices ADCMP354 Datasheet HTML 8Page - Analog Devices ADCMP354 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADCMP350/ADCMP354/ADCMP356
Rev. B | Page 3 of 12
SPECIFICATIONS
VCC = full operating range, TA = −40°C to +125°C, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY
V
CC Operating Voltage Range
2.25
5.5
V
V
IN Operating Voltage Range
0
22
V
Supply Current
10
15
µA
V
IN THRESHOLD RISING
0.579
0.6
0.621
V
V
CC = 3.3 V, TA = −40°C to +85°C
0.579
0.6
0.624
V
V
CC = 3.3 V, TA = −40°C to +125°C
V
IN THRESHOLD FALLING
0.564
0.585
0.606
V
V
CC = 3.3 V, TA = −40°C to +85°C
0.564
0.585
0.609
V
V
CC = 3.3 V, TA = −40°C to +125°C
INPUT BIAS CURRENT
10
nA
V
IN = 0.6 V
170
µA
V
IN = 22 V
THRESHOLD TEMPERATURE COEFFICIENT
30
ppm/°C
V
IN TO OUT DELAY
5
µs
V
IN = VTH to (VTH − 100 mV)
OUT VOLTAGE LOW
0.4
V
V
IN < VTH minimum, ISINK = 1.2 mA
OUT VOLTAGE HIGH
0.8 × V
CC
V
V
IN > VTH maximum, ISOURCE = 500 µA,
Push-pull only
OUTPUT RISE TIME
30
ns
C
OUT = 15 pF
OUTPUT FALL TIME
45
ns
C
OUT = 15 pF
OUTPUT LEAKAGE CURRENT
1
µA
OUT = 22 V, open-drain only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com