Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16201PCB Datasheet(PDF) 12 Page - Analog Devices

Part # ADIS16201PCB
Description  Programmable Dual-Axis Inclinometer/Accelerometer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16201PCB Datasheet(HTML) 12 Page - Analog Devices

Back Button ADIS16201PCB Datasheet HTML 8Page - Analog Devices ADIS16201PCB Datasheet HTML 9Page - Analog Devices ADIS16201PCB Datasheet HTML 10Page - Analog Devices ADIS16201PCB Datasheet HTML 11Page - Analog Devices ADIS16201PCB Datasheet HTML 12Page - Analog Devices ADIS16201PCB Datasheet HTML 13Page - Analog Devices ADIS16201PCB Datasheet HTML 14Page - Analog Devices ADIS16201PCB Datasheet HTML 15Page - Analog Devices ADIS16201PCB Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
ADIS16201
Data Sheet
Rev. C | Page 12 of 32
0
–50
150
TEMPERATURE (°C)
0.0010
0.0008
0.0006
0.0004
0.0002
–30
–10
10
30
50
70
90
110
130
Figure 29. Sleep Mode Current vs. Temperature at 3.3 V
0
2.9
3.7
SUPPLY VOLTAGE (V)
0.0010
0.0008
0.0006
0.0004
0.0002
3.0
3.1
3.2
3.3
3.4
3.5
3.6
Figure 30. Sleep Mode Current vs. Supply at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com