Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM8828ART Datasheet(PDF) 4 Page - Analog Devices

Part # ADM8828ART
Description  Switched-Capacitor Voltage Inverter with Shutdown
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8828ART Datasheet(HTML) 4 Page - Analog Devices

  ADM8828ART Datasheet HTML 1Page - Analog Devices ADM8828ART Datasheet HTML 2Page - Analog Devices ADM8828ART Datasheet HTML 3Page - Analog Devices ADM8828ART Datasheet HTML 4Page - Analog Devices ADM8828ART Datasheet HTML 5Page - Analog Devices ADM8828ART Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ADM8828/ADM8829
–4–
REV. A
IOUT – mA
100
40
0
0
50
5
10
15
20
25
30
35
40
45
90
50
30
10
70
60
20
80
PEFF @ VIN = 2.0V
PEFF @ VIN = 3.3V
PEFF @ VIN = 5.0V
Figure 8. Power Efficiency vs. Output Current
TEMPERATURE – C
20
0
–50
125
–30
–10
10
25
40
60
80
90
110
45
25
15
5
35
30
10
40
50
RESISTANCE ( ) @ VIN = 1.5V
RESISTANCE ( ) @ VIN = 3.3V
RESISTANCE ( ) @ VIN = 5.0V
Figure 9. Output Resistance vs. Temperature
TEMPERATURE – C
200
80
0
–50
125
–30
–10
10
25
40
60
80
90
110
180
100
60
20
140
120
40
160
PUMP FREQUENCY
@ VIN = 5.0V
PUMP FREQUENCY
@ VIN = 3.3V
PUMP FREQUENCY
@ VIN = 1.5V
Figure 10. Charge Pump Frequency vs. Temperature



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com