Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5520IPAP Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5520IPAP
Description  12-Bit, 125 MSPS Analog-To-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5520IPAP Datasheet(HTML) 4 Page - Texas Instruments

  ADS5520IPAP Datasheet HTML 1Page - Texas Instruments ADS5520IPAP Datasheet HTML 2Page - Texas Instruments ADS5520IPAP Datasheet HTML 3Page - Texas Instruments ADS5520IPAP Datasheet HTML 4Page - Texas Instruments ADS5520IPAP Datasheet HTML 5Page - Texas Instruments ADS5520IPAP Datasheet HTML 6Page - Texas Instruments ADS5520IPAP Datasheet HTML 7Page - Texas Instruments ADS5520IPAP Datasheet HTML 8Page - Texas Instruments ADS5520IPAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
ADS5520
SBAS310F – MAY 2004 – REVISED OCTOBER 2008....................................................................................................................................................... www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Typical values given at TA = 25°C, min and max specified over the full recommended operating temperature range, AVDD =
DRVDD = 3.3 V, sampling rate = 125 MSPS, 50% clock duty cycle, DLL On, 3-VPP differential clock, and –1dBFS differential
input, unless otherwise noted
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Clock
Voltage overload recovery time
4
cycles
Internal Reference Voltages
Reference bottom voltage, VREFM
0.95
V
Reference top voltage, VREFP
2.1
V
Reference error
–4%
±0.9%
4%
1.55
Common-mode voltage output, VCM
V
±0.05
Dynamic DC Characteristics and Accuracy
No missing codes
Tested
Differential nonlinearity error, DNL
fIN = 10 MHz
-0.5
±0.25
0.5
LSB
Integral nonlinearity error, INL
fIN = 10 MHz
-1.5
±0.8
1.5
LSB
Offset error
–11
±1.5
11
mV
Offset temperature coefficient
0.01
mV/°C
Δoffset error/ΔAVDD from AVDD = 3 V to
DC power-supply rejection ratio, DC PSRR
0.25
mV/V
AVDD = 3.6 V
Gain error (1)
–2
±0.45
2
%FS
Gain temperature coefficient
0.01
Δ%/°C
Dynamic AC Characteristics
25°C
68
70.2
fIN = 10 MHz
Full temp range
66
69.3
fIN = 55 MHz
70.1
25°C
68
70.1
Signal-to-noise ratio. SNR
fIN = 70 MHz
dBFS
Full temp range
66
68.8
fIN = 100 MHz
69.7
fIN = 150 MHz
69.3
fIN = 220 MHz
68.4
RMS idle channel noise
Inputs tied to common-mode
0.32
LSB
25°C
79
85
fIN = 10 MHz
Full temp range
76
84
fIN = 55 MHz
79
25°C
78
83
Spurious-free dynamic range, SFDR
fIN = 70 MHz
dBc
Full temp range
75
82
fIN = 100 MHz
82
fIN = 150 MHz
78
fIN = 220 MHz
74
25°C
79
91
fIN = 10 MHz
Full temp range
76
86
fIN = 55 MHz
84
25°C
78
87
Second-harmonic, HD2
fIN = 70 MHz
dBc
Full temp range
75
83
fIN = 100 MHz
84
fIN = 150 MHz
78
fIN = 220 MHz
74
(1)
Gain error is specified by design and characterization; it is not tested in production.
4
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5520



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com