Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5520IPAPRG4 Datasheet(PDF) 24 Page - Texas Instruments

Part # ADS5520IPAPRG4
Description  12-Bit, 125 MSPS Analog-To-Digital Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5520IPAPRG4 Datasheet(HTML) 24 Page - Texas Instruments

Back Button ADS5520IPAPRG4 Datasheet HTML 20Page - Texas Instruments ADS5520IPAPRG4 Datasheet HTML 21Page - Texas Instruments ADS5520IPAPRG4 Datasheet HTML 22Page - Texas Instruments ADS5520IPAPRG4 Datasheet HTML 23Page - Texas Instruments ADS5520IPAPRG4 Datasheet HTML 24Page - Texas Instruments ADS5520IPAPRG4 Datasheet HTML 25Page - Texas Instruments ADS5520IPAPRG4 Datasheet HTML 26Page - Texas Instruments ADS5520IPAPRG4 Datasheet HTML 27Page - Texas Instruments ADS5520IPAPRG4 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
R
IN
R
IN
C
IN
0.1
µF
R
T
100
Ω
0.1
µF
1000pF
1:1
R
S
100
Ω
OPA695
R
1
400
Ω
A
V = 8V/V
(18dB)
R
2
57.5
Ω
V
IN
INP
INM
CM
−5V
+5V
10
Ω
ADS5520
ADS5520
SBAS310F – MAY 2004 – REVISED OCTOBER 2008....................................................................................................................................................... www.ti.com
Table 5. Recommended Amplifiers to Drive the Input of the ADS5520
INPUT SIGNAL FREQUENCY
RECOMMENDED AMPLIFIER
TYPE OF AMPLIFIER
USE WITH TRANSFORMER?
DC to 20 MHz
THS4503
Differential In/Out Amp
No
DC to 50 MHz
OPA847
Operational Amp
Yes
DC to 100 MHz
THS4509
Differential In/Out Amp
No
OPA695
Operational Amp
Yes
10 MHz to 120 MHz
THS3201
Operational Amp
Yes
THS3202
Operational Amp
Yes
Over 100 MHz
THS9001
RF Gain Block
Yes
When using single-ended operational amplifiers (such as the THS3201, THS3202, OPA695, or OPA847) to
provide gain, a three-amplifier circuit is recommended with one amplifier driving the primary of an RF transformer
and one amplifier in each of the legs of the secondary driving the two differential inputs of the ADS5520. These
three amplifier circuits minimize even-order harmonics. For high frequency inputs, an RF gain block amplifier can
be used to drive a transformer primary; in this case, the transformer secondary connections can drive the input of
the ADS5520 directly, as shown in Figure 40, or with the addition of the filter circuit shown in Figure 41.
Figure 41 illustrates how RIN and CIN can be placed to isolate the signal source from the switching inputs of the
ADC and to implement a low-pass RC filter to limit the input noise in the ADC. It is recommended that these
components be included in the ADS5520 circuit layout when any of the amplifier circuits discussed previously are
used. The components allow fine-tuning of the circuit performance. Any mismatch between the differential lines
of the ADS5520 input produces a degradation in performance at high input frequencies, mainly characterized by
an increase in the even-order harmonics. In this case, special care should be taken to keep as much electrical
symmetry as possible between both inputs.
Another possible configuration for lower-frequency signals is the use of differential input/output amplifiers that
can simplify the driver circuit for applications requiring dc-coupling of the input. Flexible in their configurations
(see Figure 42), such amplifiers can be used for single-ended-to-differential conversion signal amplification.
Figure 41. Converting a Single-Ended Input Signal to a Differential Signal Using an RF Transformer
24
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5520



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com