| Electronic Components Datasheet Search |
|
ADR431ARMZ Datasheet(PDF) 18 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADR431ARMZ Datasheet(HTML) 18 Page - Analog Devices |
|
18 / 24 page ![]() ADR430/ADR431/ADR433/ADR434/ADR435/ADR439 Rev. J | Page 18 of 24 APPLICATIONS INFORMATION OUTPUT ADJUSTMENT The ADR43x trim terminal can be used to adjust the output voltage over a ±0.5% range. This feature allows the system designer to trim system errors out by setting the reference to a voltage other than the nominal. This is also helpful if the part is used in a system at temperature to trim out any error. Adjustment of the output has negligible effect on the temperature performance of the device. To avoid degrading temperature coefficients, both the trimming potentiometer and the two resistors need to be low temperature coefficient types, preferably <100 ppm/°C. INPUT OUTPUT TRIM VIN VO = ±0.5% GND R1 470kΩ R2 10kΩ (ADR430) 15kΩ (ADR431) RP 10kΩ ADR43x VOUT Figure 34. Output Trim Adjustment REFERENCE FOR CONVERTERS IN OPTICAL NETWORK CONTROL CIRCUITS In Figure 35, the high capacity, all optical router network employs arrays of micromirrors to direct and route optical signals from fiber to fiber without first converting them to electrical form, which reduces the communication speed. The tiny micromechanical mirrors are positioned so that each is illuminated by a single wavelength that carries unique information and can be passed to any desired input and output fiber. The mirrors are tilted by the dual-axis actuators, which are controlled by precision ADCs and DACs within the system. Due to the microscopic movement of the mirrors, not only is the precision of the converters important but the noise associated with these controlling converters is also extremely critical. Total noise within the system can be multiplied by the number of converters employed. Therefore, to maintain the stability of the control loop for this application, the ADR43x, with its exceptionally low noise, is necessary. GND SOURCE FIBER GIMBAL + SENSOR DESTINATION FIBER ACTIVATOR RIGHT MEMS MIRROR LASER BEAM ACTIVATOR LEFT AMPL PREAMP AMPL CONTROL ELECTRONICS DAC ADC DAC DSP ADR431 ADR431 ADR431 Figure 35. All Optical Router Network HIGH VOLTAGE FLOATING CURRENT SOURCE The circuit in Figure 36 can be used to generate a floating current source with minimal self heating. This particular configuration can operate on high supply voltages determined by the breakdown voltage of the N-channel JFET. VIN VOUT GND OP90 +VS SST111 VISHAY 2N3904 RL 2.1kΩ –VS ADR43x 2 6 4 Figure 36. High Voltage Floating Current Source KELVIN CONNECTION In many portable instrumentation applications, where printed circuit board (PCB) cost and area go hand in hand, circuit interconnects are very often of dimensionally minimum width. These narrow lines can cause large voltage drops if the voltage reference is required to provide load currents to various functions. In fact, circuit interconnects can exhibit a typical line resistance of 0.45 mΩ/square (for example, 1 oz. Cu). Force and sense connections, also referred to as Kelvin connections, offer a convenient method of eliminating the effects of voltage drops in circuit wires. Load currents flowing through wiring resistance produce an error (VERROR = R × IL) at the load. However, the Kelvin connection of Figure 37 overcomes the problem by including the wiring resistance within the forcing loop of the operational amplifier. Because the amplifier senses the load voltage, the operational amplifier loop control forces the output to compensate for the wiring error and to produce the correct voltage at the load. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |