Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1275-2ARQZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADM1275-2ARQZ-R7
Description  Hot-Swap Controller and Digital Power
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1275-2ARQZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADM1275-2ARQZ-R7 Datasheet HTML 31Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 32Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 33Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 34Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 35Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 36Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 37Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 38Page - Analog Devices ADM1275-2ARQZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
Data Sheet
ADM1275
Rev. D | Page 35 of 48
SMBus ALERT RESPONSE ADDRESS
The SMBus alert response address (ARA) is a special address
that can be used by the bus host to locate any devices that need
to talk to it. A host typically uses a hardware interrupt pin to
monitor the SMBus ALERT pins of a number of devices. When
the host interrupt occurs, the host issues a message on the bus
using the SMBus receive byte or receive byte with PEC protocol.
The special address used by the host is 0x0C. Any devices that
have an SMBAlert signal return their own 7-bit address as the
seven MSBs of the data byte. The LSB value is not used and can
be either 1 or 0. The host reads the device address from the
received data byte and proceeds to handle the alert condition.
More than one device may have an active SMBAlert signal and
attempt to communicate with the host. In this case, the device
with the lowest address dominates the bus and succeeds in
transmitting its address to the host. The device that succeeds
disables its SMBus alert signal. If the host sees that the SMBus
alert signal is still low, it continues to read addresses until all
devices that need to talk to it have successfully transmitted their
addresses.
EXAMPLE USE OF SMBus ALERT RESPONSE
ADDRESS
The full sequence of steps that occurs when an SMBAlert is
generated and cleared is as follows:
1. A fault or warning is enabled using the ALERT1_CONFIG
command, and the corresponding status bit for the fault or
warning goes from 0 to 1, indicating that the fault/warning
has just become active.
2. The GPOx/ALERTx pin becomes active (low) to signal that
an SMBAlert is active.
3. The host processor issues an SMBus alert response address
to determine which device has an active alert.
4. If there are no other active alerts from devices with lower
I2C addresses, this device makes the GPOx/ALERTx pin
inactive (high) during the NACK bit period after it sends
its address to the host processor.
5. If the GPOx/ALERTx pin stays low, the host processor must
continue to issue SMBus alert response address commands
to devices to find out the addresses of all devices whose
status it must check.
6. The ADM1275 continues to operate with the GPOx/ALERTx
pin inactive and the contents of the status bytes unchanged
until the host reads the status bytes and clears them, or until
a new fault occurs. That is, if a status bit for a fault/warning
that is enabled on the GPOx/ALERTx pin and that was not
already active (equal to 1) goes from 0 to 1, a new alert is
generated, causing the GPOx/ALERTx pin to become
active again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com