Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2537 Datasheet(PDF) 16 Page - Analog Devices

Part # SSM2537
Description  PDM Digital Input, Mono 2.7 W Class-D Audio Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2537 Datasheet(HTML) 16 Page - Analog Devices

Back Button SSM2537 Datasheet HTML 8Page - Analog Devices SSM2537 Datasheet HTML 9Page - Analog Devices SSM2537 Datasheet HTML 10Page - Analog Devices SSM2537 Datasheet HTML 11Page - Analog Devices SSM2537 Datasheet HTML 12Page - Analog Devices SSM2537 Datasheet HTML 13Page - Analog Devices SSM2537 Datasheet HTML 14Page - Analog Devices SSM2537 Datasheet HTML 15Page - Analog Devices SSM2537 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
SSM2537
Data Sheet
Rev. 0 | Page 16 of 16
OUTLINE DIMENSIONS
Figure 34. 9-Ball Wafer Level Chip Scale Package [WLCSP]
(CB-9-5)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
SSM2537ACBZ-R7
−40°C to +85°C
9-Ball Wafer Level Chip Scale Package [WLCSP]
CB-9-5
SSM2537ACBZ-RL
−40°C to +85°C
9-Ball Wafer Level Chip Scale Package [WLCSP]
CB-9-5
EVAL-SSM2537Z
Evaluation Board
1 Z = RoHS Compliant Part.
A
B
C
0.560
0.500
0.440
1.240
1.200 SQ
1.160
1
2
3
BOTTOM VIEW
(BALL SIDE UP)
TOP VIEW
(BALL SIDE DOWN)
END VIEW
0.300
0.260
0.220
0.80
REF
0.80
REF
0.40
REF
SEATING
PLANE
0.230
0.200
0.170
COPLANARITY
0.05
BALL A1
IDENTIFIER
©2012 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D10981-0-10/12(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com