Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9283PCB Datasheet(PDF) 4 Page - Analog Devices

Part # AD9283PCB
Description  High Speed ADC USB FIFO Evaluation Kit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9283PCB Datasheet(HTML) 4 Page - Analog Devices

  AD9283PCB Datasheet HTML 1Page - Analog Devices AD9283PCB Datasheet HTML 2Page - Analog Devices AD9283PCB Datasheet HTML 3Page - Analog Devices AD9283PCB Datasheet HTML 4Page - Analog Devices AD9283PCB Datasheet HTML 5Page - Analog Devices AD9283PCB Datasheet HTML 6Page - Analog Devices AD9283PCB Datasheet HTML 7Page - Analog Devices AD9283PCB Datasheet HTML 8Page - Analog Devices AD9283PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
HSC-ADC-EVALB-SC/HSC-ADC-EVALB-DC
Rev. 0 | Page 4 of 28
VIRTUAL EVALUATION BOARD EASY START WITH ADIsimADC
REQUIREMENTS
Requirements include
Completed installation of ADC Analyzer, Version 4.5.17 or
later.
ADIsimADC product model files for the desired converter.
Models are not installed with the software, but they can be
downloaded from the ADIsimADC Virtual Evaluation
Board website at no charge.
No hardware is required. However, if you wish to compare
results of a real evaluation board and the model, you can switch
easily between the two, as outlined in the following Easy Start
Steps section.
EASY START STEPS
1.
To get ADC model files, go to www.analog.com/ADIsimADC
for the product of interest. Download the product of
interest to a local drive. The default location is c:\program
files\adc_analyzer\models.
2.
Start ADC Analyzer (see the ADC Analyzer User Manual).
3.
From the menu, click Config > Buffer > Model as the
buffer memory. In effect, the model functions in place of
the ADC and data capture hardware.
4.
After selecting the model, click the Model button (located
next to the Stop button) to select and configure which
converter is to be modeled. A dialog box appears in the
workspace, where you can select and configure the
behavior of the model.
5.
In the ADC Modeling dialog box, click the Device tab and
then click the
… (Browse) button, adjacent to the dialog
box. This opens a file browser and displays all of the
models found in the default directory: c:\program
files\adc_analyzer\models. If no model files are found,
follow the on-screen directions or see Step 1 to install
available models. If you have saved the models somewhere
other than the default location, use the browser to navigate
to that location and select the file of interest.
6.
From the menu, click Config > FFT. In the FFT
Configuration
dialog box, ensure that the Encode
Frequency
is set for a valid rate for the simulated device
under test. If set too low or too high, the model does not run.
7.
Once a model has been selected, information about the
model displays on the Device tab of the ADC Modeling
dialog box. After ensuring that you have selected the right
model, click the Input tab. This lets you configure the
input to the model. Click either Sine Wave or Two Tone
for the input signal.
8.
Click Time Data (left-most button under the pull-down
menus). A reconstruction of the analog input is displayed.
The model can now be used just as a standard evaluation
board would be.
9.
The model supports additional features not found when
testing a standard evaluation board. When using the
modeling capabilities, it is possible to sweep either the
analog amplitude or the analog frequency. For more
information consult the ADC Analyzer User Manual at
www.analog.com/hsc-FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com