Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AC03000000JAC00 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # AC03000000JAC00
Description  Cemented Wirewound Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

AC03000000JAC00 Datasheet(HTML) 4 Page - Vishay Siliconix

  AC03000000JAC00 Datasheet HTML 1Page - Vishay Siliconix AC03000000JAC00 Datasheet HTML 2Page - Vishay Siliconix AC03000000JAC00 Datasheet HTML 3Page - Vishay Siliconix AC03000000JAC00 Datasheet HTML 4Page - Vishay Siliconix AC03000000JAC00 Datasheet HTML 5Page - Vishay Siliconix AC03000000JAC00 Datasheet HTML 6Page - Vishay Siliconix AC03000000JAC00 Datasheet HTML 7Page - Vishay Siliconix AC03000000JAC00 Datasheet HTML 8Page - Vishay Siliconix AC03000000JAC00 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AC.. Series
www.vishay.com
Vishay Draloric
Revision: 10-Jun-13
4
Document Number: 28730
For technical questions, contact: ww1resistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) See table DIMENSIONS
(2) Test over 10 holes - 9 intervals P0 12.7 x 9 = 114.3 ± 0.5
(3) Parallelism, < 0.5 mm
(4) Thickness of carrier tape: 0.55 mm ± 0.1
BENDING FORMS
TYPE
Ø d
Ø Dmax.
AL
F
H
E
a
b
l
AC03 WSZ
0.8
(1)
17 ± 0.5
11 - 12
4.8 ± 0.5
3.6 ± 0.5
5.0 ± 0.5
2.5
5.5
14.5
TYPE AC01
Lead Ø
Ø d
0.8
Diameter
Ø D
(1)
Length
L
(1)
Pitch of components
P
12.7 ± 1.0
Pitch of spocket holes (2)
P0
12.7 ± 0.3
Distance between hole center and resistor center
P1
3.85 ± 0.7
Distance between hole center and lead center
P2
6.35 ± 1.0
Lead spacing
F
5.0 + 0.6, - 0.1
Angle of insertion
h
1
2 max.
Width of carrier tape
W
18.0 ± 0.5
Width of adhesive tape
W0
12.0 ± 0.5
Position of holes
W1
9.0 ± 0.5
Position of adhesive tape
W2
0.5 max.
Body to hole center
H
19.5 ± 1.0
Lead crimp to hole center (3)
H0
16.0 ± 0.5
Hole Ø
D0
4.0 ± 0.2
Thickness of tape (4)
t
0.9 max.
Height for cutting
L1
11 max.
Height for insertion
H1
32 max.
WSZ
Ø D
A
L
E
Ø d
F
H
I
b
a
Solder pad dimensions
RADIAL TAPED = RT
1 max.
Δh
1
t
Direction of Unreeling
P
1
F
P
0
D
0
P
2
P
H
1
L
1
H
H
0
W
0
W
2
W
1
W
d
L
Ø D



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com