Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM3010DBR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # PCM3010DBR
Description  24-BIT STEREO AUDIO CODEC WITH 96-kHz ADC, 192-kHz DAC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3010DBR Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCM3010DBR Datasheet HTML 25Page - Texas Instruments PCM3010DBR Datasheet HTML 26Page - Texas Instruments PCM3010DBR Datasheet HTML 27Page - Texas Instruments PCM3010DBR Datasheet HTML 28Page - Texas Instruments PCM3010DBR Datasheet HTML 29Page - Texas Instruments PCM3010DBR Datasheet HTML 30Page - Texas Instruments PCM3010DBR Datasheet HTML 31Page - Texas Instruments PCM3010DBR Datasheet HTML 32Page - Texas Instruments PCM3010DBR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
PCM3010
SLES055 – NOVEMBER 2002
29
www.ti.com
VIN pins
A 1-
µF electrolytic capacitor is recommended as an ac-coupling capacitor, which gives an 8-Hz cutoff frequency.
If a higher full-scale input voltage is required, it can be adjusted by adding only one series resistor to each VIN
pin.
VREF1, VREF2 pins
A 0.1-
µF ceramic capacitor and a 10-µF electrolytic capacitor are recommended between VREF1, VREF2, and
AGND1 to ensure low source impedance of the ADC references. These capacitors should be located as close
as possible to the VREF1 and VREF2 pins and the AGND1 pin to reduce dynamic errors on the ADC references.
VCOM pin
A 0.1-
µF ceramic capacitor and a 10-µF electrolytic capacitor are recommended between VCOM and AGND2
to ensure low source impedance of the DAC common voltage. These capacitors should be located as close as
possible to the VCOM pin to reduce dynamic errors on the DAC common voltage.
system clock
The quality of SCKI may influence dynamic performance, as the PCM3010 (both DAC and ADC) operates
based on SCKI. Therefore, it may be necessary to consider the jitter, duty cycle, rise and fall time, etc., of the
system clock.
reset control
If large capacitors (more than 22
µF) are used on VREF1, VREF2, and VCOM, external reset control by
PDWN = LOW is required after the VREF1, VREF2, and VCOM transient response settles.
external mute control
To eliminate the clicking noise which is generated by DAC output dc level change during power-down ON/OFF
control, external mute control is generally required. The recommended control sequence is: external mute ON,
codec power down ON, SCKI stop and restart if necessary, codec power down OFF, and external mute OFF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com