Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5706APAP Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5706APAP
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5706APAP Datasheet(HTML) 44 Page - Texas Instruments

Back Button TAS5706APAP Datasheet HTML 40Page - Texas Instruments TAS5706APAP Datasheet HTML 41Page - Texas Instruments TAS5706APAP Datasheet HTML 42Page - Texas Instruments TAS5706APAP Datasheet HTML 43Page - Texas Instruments TAS5706APAP Datasheet HTML 44Page - Texas Instruments TAS5706APAP Datasheet HTML 45Page - Texas Instruments TAS5706APAP Datasheet HTML 46Page - Texas Instruments TAS5706APAP Datasheet HTML 47Page - Texas Instruments TAS5706APAP Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 71 page
background image
CLOCK CONTROL REGISTER (0x00)
DEVICE ID REGISTER (0x01)
TAS5706A
TAS5706B
SLOS606D – MARCH 2009 – REVISED SEPTEMBER 2009............................................................................................................................................. www.ti.com
In the manual mode, the clock control register provides a way for the system microprocessor to update the data
and clock rates based on the sample rate and associated clock frequencies. In the auto-detect mode, the clocks
are automatically determined by the TAS5706A. In this case, the clock control register contains the auto-detected
clock status as automatically detected (D7–D2). Bits D7–D5 selects the sample rate. Bits D4–D2 select the
MCLK frequency. Bit D0 is used in manual mode only. In this mode, when the clocks are updated a 1 must be
written to D0 to inform the DAP that the written clocks are valid.
Table 3. Clock Control Register (0x00)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
0
0
–
–
–
–
–
fS = 32-kHz sample rate
0
0
1
–
–
–
–
–
fS = 38-kHz sample rate
0
1
0
–
–
–
–
–
fS = 44.1-kHz sample rate
0
1
1
–
–
–
–
–
fS = 48-kHz sample rate
(1)
1
0
0
–
–
–
–
–
fS = 88.2-kHz sample rate
1
0
1
–
–
–
–
–
fS = 96-kHz sample rate
1
1
0
–
–
–
–
–
fS = 176.4-kHz sample rate
1
1
1
–
–
–
–
–
fS = 192-kHz sample rate
–
–
–
0
0
0
–
–
MCLK frequency = 64 × fS
(2)
–
–
–
0
0
1
–
–
MCLK frequency = 128 × fS
(3)
–
–
–
0
1
0
–
–
MCLK frequency = 192 × fS
–
–
–
0
1
1
–
–
MCLK frequency = 256 × fS
(1)
–
–
–
1
0
0
–
–
MCLK frequency = 384 × fS
(4)
–
–
–
1
0
1
–
–
MCLK frequency = 512 × fS
(4)
–
–
–
1
1
0
–
–
Reserved
–
–
–
1
1
1
–
–
Reserved
–
–
–
–
–
–
1
–
Bit clock (SCLK) frequency = 48 × fS
(5)
Bit clock (SCLK) frequency = 64 × fS or 32 × fS (selected in register
–
–
–
–
–
–
0
–
0x04) (1)
–
–
–
–
–
–
–
0
Clock not valid (in manual mode only) (1)
–
–
–
–
1
Clock valid (in manual mode only)
(1)
Default values are in bold.
(2)
Rate not available for 32-, 44.1-, and 48-kHz data rates
(3)
Rate not available for 32-kHz data rate
(4)
Rate not available for 176.4-kHz and 192-kHz data rates
(5)
Rate only available for 192-fS and 384-fS MCLK frequencies
The device ID register contains the ID code for the firmware revision.
Table 4. Device ID Register (0x01)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
0
–
–
–
–
–
–
–
Default (1)
–
0
1
0
1
0
1
0
Identification code
(1)
Default values are in bold.
44
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TAS5706A TAS5706B
TAS5706A is Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com