Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5706APAPR Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5706APAPR
Description  20-W Stereo Digital Audio Power Amplifier with EQ and DRC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5706APAPR Datasheet(HTML) 56 Page - Texas Instruments

Back Button TAS5706APAPR Datasheet HTML 52Page - Texas Instruments TAS5706APAPR Datasheet HTML 53Page - Texas Instruments TAS5706APAPR Datasheet HTML 54Page - Texas Instruments TAS5706APAPR Datasheet HTML 55Page - Texas Instruments TAS5706APAPR Datasheet HTML 56Page - Texas Instruments TAS5706APAPR Datasheet HTML 57Page - Texas Instruments TAS5706APAPR Datasheet HTML 58Page - Texas Instruments TAS5706APAPR Datasheet HTML 59Page - Texas Instruments TAS5706APAPR Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 71 page
background image
AM MODE REGISTER (0x22)
TAS5706A
TAS5706B
SLOS606D – MARCH 2009 – REVISED SEPTEMBER 2009............................................................................................................................................. www.ti.com
See the PurePath Digital™ AM Interference Avoidance application note (SLEA040).
Table 21. AM Mode Register (0x22)
D20
D19
D18
D17
D16
FUNCTION
0
–
–
–
–
AM mode disabled (1)
1
–
–
–
–
AM mode enabled
–
0
0
–
–
Select sequence 1 (1)
–
0
1
–
–
Select sequence 2
–
1
0
–
–
Select sequence 3
–
1
1
–
–
Select sequence 4
–
–
–
0
–
IF frequency = 455 kHz (1)
–
–
–
1
–
IF frequency = 262.5 kHz
–
–
–
–
0
Use BCD tuned frequency (1)
–
–
–
–
1
Use binary tuned frequency
(1)
Default values are in bold.
Table 22. AM Tuned Frequency Register in BCD Mode
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
0
0
0
X
–
–
–
–
BCD frequency (1000s kHz)
–
–
–
–
X
X
X
X
BCD frequency (100s kHz)
0
0
0
0
0
0
0
0
Default value (1)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
X
X
X
X
–
–
–
–
BCD frequency (10s kHz)
–
–
–
–
X
X
X
X
BCD frequency (1s kHz)
0
0
0
0
0
0
0
0
Default value (1)
(1)
Default values are in bold.
OR
Table 23. AM Tuned Frequency Register in Binary Mode
D15
D14
D13
D12
D11
D10
D9
D8
FUNCTION
0
0
0
0
0
X
X
X
Binary frequency
0
0
0
0
0
0
0
0
Default value (1)
D7
D6
D5
D4
D3
D2
D1
D0
FUNCTION
X
X
X
X
X
X
X
X
Binary frequency
0
0
0
0
0
0
0
0
Default value (1)
(1)
Default values are in bold.
56
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TAS5706A TAS5706B
TAS5706A is Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com