Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC4502ACDR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLC4502ACDR
Description  FAMILY OF SELF-CALIBRATING PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC4502ACDR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLC4502ACDR Datasheet HTML 8Page - Texas Instruments TLC4502ACDR Datasheet HTML 9Page - Texas Instruments TLC4502ACDR Datasheet HTML 10Page - Texas Instruments TLC4502ACDR Datasheet HTML 11Page - Texas Instruments TLC4502ACDR Datasheet HTML 12Page - Texas Instruments TLC4502ACDR Datasheet HTML 13Page - Texas Instruments TLC4502ACDR Datasheet HTML 14Page - Texas Instruments TLC4502ACDR Datasheet HTML 15Page - Texas Instruments TLC4502ACDR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
TLC4501, TLC4501A, TLC4502, TLC4502A
FAMILY OF SELF-CALIBRATING (Self-Cal
)
PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS221B – MAY 1998 – REVISED APRIL 2001
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
α
VIO – Temperature Coefficient – µV/°C
30 Amplifiers From 1 Wafer Lot
VDD = ± 2.5 V
TA = 25°C To –40°C
10
5
0
–3
–20
1
15
20
DISTRIBUTION OF TLC4502 INPUT OFFSET
VOLTAGE TEMPERATURE COEFFICIENT
25
23
–1
Figure 7
30 Amplifiers From
1 Wafer Lot
VDD = ± 2.5 V
TA = 25°C To 85°C
10
8
2
0
14
16
DISTRIBUTION OF TLC4502 INPUT OFFSET
VOLTAGE TEMPERATURE COEFFICIENT
20
18
12
6
4
α
VIO – Temperature Coefficient – µV/°C
Figure 8
IOH – High-Level Output Current – mA
3
2
0.5
0
010
20
3040
3.5
4.5
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
5
50
60
70
80
4
2.5
VDD = 5 V
VIC = 2.5 V
1.5
1
TA = – 40°C
TA = 25°C
TA = 125°C
TA = 85°C
Figure 9
IOL – Low-Level Output Current – mA
1
0.75
0.25
0
0
1020
30
4050
1.5
1.75
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
2
60
70
80
0.5
1.25
VDD = 5 V
VIC = 2.5 V
TA = – 40°C
TA = 25°C
TA = 85°C
TA = 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com