Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC4502AMFKB Datasheet(PDF) 16 Page - Texas Instruments

Part # TLC4502AMFKB
Description  FAMILY OF SELF-CALIBRATING PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC4502AMFKB Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC4502AMFKB Datasheet HTML 12Page - Texas Instruments TLC4502AMFKB Datasheet HTML 13Page - Texas Instruments TLC4502AMFKB Datasheet HTML 14Page - Texas Instruments TLC4502AMFKB Datasheet HTML 15Page - Texas Instruments TLC4502AMFKB Datasheet HTML 16Page - Texas Instruments TLC4502AMFKB Datasheet HTML 17Page - Texas Instruments TLC4502AMFKB Datasheet HTML 18Page - Texas Instruments TLC4502AMFKB Datasheet HTML 19Page - Texas Instruments TLC4502AMFKB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
TLC4501, TLC4501A, TLC4502, TLC4502A
FAMILY OF SELF-CALIBRATING (Self-Cal
)
PRECISION CMOS RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
SLOS221B – MAY 1998 – REVISED APRIL 2001
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 20
t – Time –
µs
2.5
2
1
0.5
0
25
50
75
100
125
3
4
INVERTING LARGE-SIGNAL PULSE RESPONSE
4.5
150
175
200
3.5
1.5
VDD = 5 V
RL = 1 kΩ
CL = 100 pF
AV = –1
TA = 25°C
Figure 21
t – Time –
µs
2.5
2
1
0.5
0
25
50
75
100
125
3.5
4
VOLTAGE-FOLLOWER LARGE-SIGNAL
PULSE RESPONSE
4.5
150
175
200
3
1.5
VDD = 5 V
RL = 1 kΩ
CL = 100 pF
AV = 1
TA = 25°C
Figure 22
t – Time –
µs
2.5
2.49
2.48
2.47
0
20
40
60
80
100 120
2.505
2.515
INVERTING SMALL-SIGNAL PULSE RESPONSE
2.525
140 160 180 200
2.52
2.51
2.495
2.485
2.475
VDD = 5 V
RL = 1 kΩ
CL = 100 pF
AV = –1
TA 25°C
Figure 23
t – Time –
µs
2.5
2.49
2.48
2.47
0
50
100
150
2.51
2.52
VOLTAGE-FOLLOWER SMALL-SIGNAL
PULSE RESPONSE
2.53
200
250
VDD = 5 V
RL = 1 kΩ
CL = 100 pF
AV = 1
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com