Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE032 Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # AFE032
Description  Power-Line Communications Analog Front-End
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AFE032 Datasheet(HTML) 67 Page - Texas Instruments

Back Button AFE032 Datasheet HTML 63Page - Texas Instruments AFE032 Datasheet HTML 64Page - Texas Instruments AFE032 Datasheet HTML 65Page - Texas Instruments AFE032 Datasheet HTML 66Page - Texas Instruments AFE032 Datasheet HTML 67Page - Texas Instruments AFE032 Datasheet HTML 68Page - Texas Instruments AFE032 Datasheet HTML 69Page - Texas Instruments AFE032 Datasheet HTML 70Page - Texas Instruments AFE032 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 77 page
background image
35
33
31
29
27
25
23
21
19
17
15
0.5
1
1.5
2
2.5
Cu Thickness (oz)
Four-Layer PCB, PCB
Area = 4.32 in , 2 oz Cu
(Results are from thermal
simulations)
2
28
26
24
22
20
18
16
14
12
10
2
4
6
8
10
12
14
PCB Area (in )
2
THERMAL RESISTANCE vs BOARD AREA
Four-Layer PCB, 2 oz Cu
(Results are from thermal
simulations)
1
2
3
4
5
6
7
8
Number of Layers
36
34
32
30
28
26
24
22
20
THERMAL RESISTANCE vs NUMBER OF PCB LAYERS
PCB Area = 3 in , 2 oz Cu
(Results are from thermal
simulations)
2
AFE032
www.ti.com
SBOS669A – AUGUST 2013 – REVISED DECEMBER 2013
Increasing the number of layers in the PCB, using thicker copper, and increasing the PCB area are all factors
that improve the spread of heat. Figure 32 through Figure 34 show thermal resistance performance as a function
of each of these factors.
Figure 32. Thermal Resistance as a Function of
Figure 33. Thermal Resistance as a Function of
the Number of Layers in the PCB
PCB Area
Figure 34. Thermal Resistance as a Function of Copper Thickness
For additional information on thermal PCB design using exposed thermal pad packages, refer to Application
Reports Analog Front-End Design for a Narrowband Power-Line Communications Modem Using the AFE031
(SBOA130) and PowerPAD™ Thermally-Enhanced Package (SLMA002E) (both available for download at
www.ti.com).
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
67
Product Folder Links: AFE032



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com