Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B02B-PASK Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # B02B-PASK
Description  2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B02B-PASK Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  B02B-PASK Datasheet HTML 1Page - List of Unclassifed Manufacturers B02B-PASK Datasheet HTML 2Page - List of Unclassifed Manufacturers B02B-PASK Datasheet HTML 3Page - List of Unclassifed Manufacturers B02B-PASK Datasheet HTML 4Page - List of Unclassifed Manufacturers B02B-PASK Datasheet HTML 5Page - List of Unclassifed Manufacturers B02B-PASK Datasheet HTML 6Page - List of Unclassifed Manufacturers B02B-PASK Datasheet HTML 7Page - List of Unclassifed Manufacturers B02B-PASK Datasheet HTML 8Page - List of Unclassifed Manufacturers B02B-PASK Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
409
409
PA FAMILY SERIES /PA CONNECTOR (Crimp style Standard type)
6.5
2.85
1.3
Model No.
mm2
AWG #
Applicable wire
Q'ty /
reel
Insulation O.D.
(mm)
Material and Finish
Phosphor bronze, tin-plated (reflow treatment)
SPHD-001T-P0.5
SPHD-002T-P0.5
1.0∼1.5
0.9∼1.5
8,000
8,000
0.13∼0.33
0.08∼0.21
26∼22
28∼24
(2.0)
A
B
2.0
4.6
5.8
Circuit No.1
(2.0)
A
B
2.0
4.6
5.8
Circuit No.1
(2.0)
A
B
2.0
4.6
5.8
Circuit No.1
Circuits
Model No.
A
Dimensions (mm)
Q'ty /
bag
Material
PA 66, UL94V-0, natural (white)
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
PAP-02V-S
PAP-03V-S
PAP-04V-S
PAP-05V-S
PAP-06V-S
PAP-07V-S
PAP-08V-S
PAP-09V-S
PAP-10V-S
PAP-11V-S
PAP-12V-S
PAP-13V-S
PAP-14V-S
PAP-15V-S
PAP-16V-S
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
B
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
32.0
34.0
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
1,000
Contact
Crimping
machine
Crimp applicator with dies
Dies
Crimp applicator
Applicator
SPHD-002T-P0.5
SPHD-001T-P0.5
AP-K2N
MKS-LS-10・MKS-L-10
*MKS-SC-10
MKS-LS-10・MKS-L-10
*MKS-SC-10
MK/SPHD-002-05
SC/SPHD-002-05
MK/SPHD-001-05
SC/SPHD-001-05
APLMK SPHD002-05
APLSC SPHD002-05
APLMK SPHD001-05
APLSC SPHD001-05
Note:*Strip-crimp applicator
RoHS compliance
(2 to 9 circuits)
(10 to 15 circuits)
(16 circuits)
RoHS compliance
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
PAP-02V-S-
S…natural (white)
K…black R…red E…blue M…green O…orange N…brown
P…purple PK…pink Y…yellow L…lemon yellow FY…vivid yellow
LE…light blue H…gray TR…tomato red
Contact
Housing



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com